Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4077-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
APPLICATIONS INFORMATION
analog.com
Rev. F | 22 of 25
OUTPUT PHASE REVERSAL
Phase reversal is defined as a change of polarity in the amplifier
transfer function. Many operational amplifiers exhibit phase reversal
when the voltage applied to the input is greater than the maximum
common-mode voltage. In some instances, this phase reversal can
cause permanent damage to the amplifier. In feedback loops, it can
result in system lockups or equipment damage. The ADA4077-1/
ADA4077-2/ADA4077-4 are immune to phase reversal problems
even at input voltages beyond the power supply settings.
Figure 69. No Phase Reversal
LOW POWER LINEARIZED RTD
A common application for a single element varying bridge is an
RTD thermometer amplifier, as shown in Figure 70. The excitation
is delivered to the bridge by a 2.5 V reference applied at the top of
the bridge.
RTDs can have a thermal resistance as high as 0.5°C/mW to
0.8°C/mW. To minimize errors due to resistor drift, keep the current
low through each leg of the bridge. In this circuit, the amplifier
supply current flows through the bridge. However, at a maximum
supply current of 500 µA for the ADA4077-2, the RTD dissipates
less than 0.1 mW of power, even at the highest resistance. There-
fore, errors due to power dissipation in the bridge are kept under
0.1°C.
Calibration of the bridge is made at the minimum value of the
temperature to be measured by adjusting RP until the output is
zero.
To calibrate the output span, set the full-scale and linearity potenti-
ometers to midpoint, and apply a 500°C temperature to the sensor,
or substitute the equivalent 500°C RTD resistance.
Adjust the full-scale potentiometer for a 5 V output. Finally, apply
250°C or the equivalent RTD resistance, and adjust the linearity
potentiometer for a 2.5 V output. The circuit achieves higher than
±0.5°C accuracy after adjustment.
Figure 70. Low Power Linearized RTD Circuit
PROPER BOARD LAYOUT
The ADA4077-1/ADA4077-2/ADA4077-4 are high precision devi-
ces. To ensure optimum performance at the PCB level, care must
be taken in the design of the board layout.
To avoid leakage currents, maintain a clean and moisture free
board surface. Coating the surface creates a barrier to moisture
accumulation, and reduces parasitic resistance on the board.
Keeping supply traces short and properly bypassing the power
supplies minimizes the power supply disturbances caused by the
output current variation, such as when driving an ac signal into a
heavy load. Connect bypass capacitors as closely as possible to
the device supply pins. Stray capacitances are a concern at the
outputs and the inputs of the amplifier. It is recommended that the
signal traces be kept at least 5 mm from supply lines to minimize
coupling.
A variation in temperature across the PCB can cause a mismatch
in the Seebeck voltages at solder joints and other points where
dissimilar metals are in contact, resulting in thermal voltage errors.
To minimize these thermocouple effects, orient resistors so that
heat sources warm both ends equally. Ensure, where possible, that
input signal paths contain matching numbers and types of compo-
nents, to match the number and type of thermocouple junctions.
For example, dummy components such as zero value resistors can
be used to match real resistors in the opposite input path. Place
matching components in close proximity to each other, and orient
them in the same manner. Ensure that leads are of equal length so
that thermal conduction is in equilibrium. Keep heat sources on the
PCB as far away from amplifier input circuitry as is practical.
The use of a ground plane is highly recommended. A ground plane
reduces electromagnetic interference (EMI) noise and maintains a
constant temperature across the circuit board.
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime or between
calibration procedures is dependent on the long-term stability of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com