Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4077-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
Rev. F
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Offset voltage:
►
25 µV maximum at 25°C (B grade, 8-lead SOIC, single/ dual)
►
50 µV maximum at 25°C (A grade, 8-lead SOIC, single/ dual)
►
50 µV maximum at 25°C (A grade, 14-lead SOIC, quad)
►
Offset voltage drift:
►
0.25 µV/°C maximum (B grade, 8-lead SOIC, single/dual)
►
0.55 µV/°C maximum (A grade, 8-lead SOIC, single/dual)
►
0.75 µV/°C maximum (A grade, 14-lead SOIC, quad)
►
MSL1 rated
►
Low input bias current: 1 nA maximum at TA = 25°C
►
Low voltage noise density: 6.9 nV/√Hz typical at f = 1000 Hz
►
CMRR, PSRR, and AV > 120 dB minimum
►
Low supply current: 400 µA per amplifier typical
►
Wide gain bandwidth product: 3.9 MHz at ±5 V
►
Dual-supply operation:
►
Specified at ±5 V to ±15 V
►
Operates at ±2.5 V to ±15 V
►
Unity gain stable
►
No phase reversal
►
Long-term offset voltage drift (10,000 hours): 0.5 µV typical
►
Temperature hysteresis: 1 µV typical
APPLICATIONS
►
Process control front-end amplifiers
►
Optical network control circuits
►
Instrumentation
►
Precision sensors and controls
►
Precision filters
PIN CONNECTION DIAGRAMS
Figure 1. ADA4077-1, 8-Lead SOIC and 8-Lead MSOP
Figure 2. ADA4077-2, 8-Lead MSOP and 8-Lead SOIC
Figure 3. ADA4077-4, 14-Lead TSSOP and 14-Lead SOIC
GENERAL DESCRIPTION
The single ADA4077-1, dual ADA4077-2, and quad ADA4077-4
amplifiers feature extremely low offset voltage and drift, and low
input bias current, noise, and power consumption. Outputs are
stable with capacitive loads of more than 1000 pF with no external
compensation.
Applications for this amplifier include sensor signal conditioning
(such as thermocouples, resistance temperature detectors (RTDs),
strain gages), process control front-end amplifiers, and precision
diode power measurement in optical and wireless transmission
systems. The ADA4077-1/ADA4077-2/ADA4077-4 are useful in line
powered and portable instrumentation, precision filters, and voltage
or current measurement and level setting.
Unlike other amplifiers, the ADA4077-1/ADA4077-2/ADA4077-4
have an MSL1 rating that is compliant with the most stringent
of assembly processes, and they are specified over the extended
industrial temperature range from −40°C to +125°C for the most
demanding operating environments.
Table 1. Evolution of Precision Devices by Generation
Op Amp First
Second
Third
Fourth
Fifth
Sixth
Single
OP07
OP77
OP177
OP1177
AD8677
ADA4077-1
Dual
OP2177
ADA4077-2
Quad
OP4177
ADA4077-4


Similar Part No. - ADA4077-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-1ARZ-R7 AD-ADA4077-1ARZ-R7 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
More results

Similar Description - ADA4077-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4208 MAXIM-MAX4208 Datasheet
250Kb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208 MAXIM-MAX4208_09 Datasheet
222Kb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Texas Instruments
TLV376 TI1-TLV376 Datasheet
1Mb / 34P
TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
ADA4077-1 AD-ADA4077-1 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
logo
Texas Instruments
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com