Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4961
Rev. C | Page 11 of 24
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
12
34
56
78
9
POWER (dBm)
500MHz
1000MHz
1500MHz
Figure 22. HD3 vs. Output Power/Tone, with Low-Pass Filter
123
456789
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
POWER (dBm)
2MHz TO 500MHz
2MHz TO 1000MHz
2MHz TO 1500MHz
Figure 23. HD2 vs. Output Power/Tone, with Low-Pass Filter
CH1 1V/DIV
SCALE: 40ns/DIV
CH2 500mV/DIV
1
CH1
1V
2
Figure 24. Enable Response Time
2
1
CH1 1V/DIV
SCALE: 20ns/DIV
CH2 500mV/DIV
CH1
1V
Figure 25. Gain Step Response
INPUT
600mV/DIV
SCALE: 1ns/DIV
OUTPUT 200mV/DIV
OUTPUT
INPUT
CH1
–16mV
Figure 26. Large Signal Pulse Response
85
80
75
70
65
60
55
50
45
40
35
30
25
10M
100M
1G
4G
FREQUENCY (Hz)
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 27. CMRR vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com