Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4961ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Distortion, 3.2 GHz, RF DGA
Data Sheet
ADA4961
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
−3 dB bandwidth: 3.2 GHz
−1 dB bandwidth: 1.8 GHz
Slew rate: 12,000 V/μs
Digitally adjustable gain
Voltage gain: −6 dB to +15 dB
Power gain: −3 dB to +18 dB
5-bit parallel or SPI bus gain control with fast attack
IMD3/HD3 distortion, maximum gain, 5 V, high performance
(HP) mode
IMD3/HD3 at 1 GHz: −90 dBc/−83 dBc
IMD3/HD3 at 1.5 GHz: −85 dBc/−75 dBc
IMD3/HD3 at 2 GHz: −70 dBc/−70 dBc
Low noise
Noise density referred to output (RTO): −154 dBm/Hz
Noise figure: 5.5 dB at AV = 15 dB, 1 GHz
Differential impedances: 100 Ω input, 50 Ω output
Low power mode operation, power-down control
Single 3.3 V or 5 V supply operation
Available in 24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
ADC driver for 10-bit to 14-bit GSPS converters
RF/IF gain blocks
Line drivers
Instrumentation
Satellite communications
Data acquisition
Military systems
FUNCTIONAL BLOCK DIAGRAM
0dB TO 21dB
ATTEN
EXPOSED
PAD
2
3
18
14
15
17
16
4
5
1
7
8
9
10
11
24
23
22
21
20
19
12
13
6
VIN+
VIN–
VOUT+
VOUT–
DNC
DNC
DNC
GND
GND
+15dB
ADA4961
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 1.
GENERAL DESCRIPTION
The ADA4961 is a high performance, BiCMOS RF digital gain
amplifier (DGA), optimized for driving heavy loads out to
2.0 GHz and beyond. The device typically achieves −90 dBc
IMD3 performance at 500 MHz and −85 dBc at 1.5 GHz. This
RF performance allows GHz converters to achieve their optimum
performance with minimal limitations of the driver amplifier or
constraints on overall power that typically result from GaAs
amplifiers. This device can easily drive 10-bit to16-bit HS
converters.
For many receiver applications, antialias filter (AAF) designs
can be simplified or not required.
The ADA4961 has an internal differential input impedance of
100 Ω and a differential dynamic output impedance of 50 Ω,
eliminating the need for external termination resistors. The
digital adjustability provides for 1 dB resolution, thus optimizing
the signal-to-noise ratio (SNR) for input levels spanning 21 dB.
The ADA4961 is optimized for wideband, low distortion
performance at frequencies up to 2 GHz. These attributes,
together with wide gain adjustment and relatively low power,
make the ADA4961 the amplifier of choice for many high speed
applications, including IF, RF, and broadband applications
where dynamic range at very high frequencies is critical.
The ADA4961 is ideally suited for driving not only analog-to-
digital converters (ADCs), but also mixers, pin diode attenuators,
SAW filters, and multielement discrete devices. It is available in
a 4 mm × 4 mm, 24-lead LFCSP and operates over a
temperature range of −40°C to +85°C.


Similar Part No. - ADA4961ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4961ACPZN-R7 AD-ADA4961ACPZN-R7 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
More results

Similar Description - ADA4961ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352 AD-AD8352 Datasheet
410Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
1/06-Revision 0
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
ADL5335 AD-ADL5335 Datasheet
512Kb / 16P
DGA
12/2017-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com