Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4961
Data Sheet
Rev. C | Page 14 of 24
CHARACTERIZATION AND TEST CIRCUITS
35.7Ω
ADA4961
0.1µF
0.1µF
0.1µF
0.1µF
VIN+
VIN–
VCCx
0.1µF
VCC
470nH
470nH
35.7Ω
35.7Ω
35.7Ω
SPI OR
PARALLEL
DIGITAL
INTERFACE
EVALUATION
BOARD
50Ω
50Ω
50Ω
50Ω
+
Figure 36. Test Circuit for S-Parameters on Dedicated 50 Ω Differential to Differential Board
PICOSECOND
5310
BALUN
–3dB
–3dB
BAND-PASS
FILTER
50Ω
ADA4961
0.1µF
0.1µF
0.1µF
0.1µF
VIN+
VIN–
VCCx
0.1µF
VCC
0.5µH
0.5µH
–10dB
50Ω
SPI OR
PARALLEL
DIGITAL
INTERFACE
EVALUATION
BOARD
50Ω
50Ω
–10dB
50Ω
50Ω
+
PICOSECOND
5310
BALUN
50Ω
50Ω
50Ω
50Ω
2nH
2nH
2pF
2pF
Figure 37. Test Circuit for Single Tone Distortion
ZFSC-2-372-S+
SPLITTER/
COMBINER
BAND-PASS
BAND-PASS
–3dB
–3dB
–3dB
50Ω
50Ω
PICOSECOND
5310
BALUN
35.7Ω
ADA4961
0.1µF
0.1µF
0.1µF
0.1µF
VIN+
VIN–
VCCx
VCC
0.5µH
0.5µH
35.7Ω
35.7Ω
35.7Ω
SPI OR
PARALLEL
DIGITAL
INTERFACE
EVALUATION
BOARD
50Ω
50Ω
50Ω
50Ω
PICOSECOND
5310
BALUN
50Ω
50Ω
50Ω
–10dB
–10dB
+
0.1µF
Figure 38. Test Circuit for IMD3/IMD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com