Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4961ACPZN-R7
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4961ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADA4961ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4961
Data Sheet
Rev. C | Page 18 of 24
Pin No.
Mnemonic
Description
Basic Connection
SPI/Parallel
Control
6
MODE
Parallel, serial mode
control
Connect this pin to a 3.3 V compliant logic control. Logic 0 asserts serial control,
and Logic 1 asserts parallel control.
7
SDIO
SPI data IO
Connect this pin to a 3.3 V compliant logic control.
8
A4/SCLK
SPI clock, parallel mode
gain control, Bit 4
Connect this pin to a 3.3 V compliant logic control.
9
A3/CS
SPI chip select, parallel
mode gain control, Bit 3
Connect this pin to a 3.3 V compliant logic control.
10
A2/FA
Fast attack enable,
parallel mode gain
control, Bit 2
Connect this pin to a 3.3 V compliant logic control. Logic 1 asserts FA enabled,
and Logic 0 asserts FA disabled.
11
A1
Parallel mode gain
control, Bit 1
Connect this pin to a 3.3 V compliant logic control.
12
A0
Parallel mode gain
control, Bit 0
Connect this pin to a 3.3 V compliant logic control.
13
LATCH
Parallel mode latch
control
Connect this pin to a 3.3 V compliant logic control. Logic 0 asserts transparent
mode, and Logic 1 asserts latched mode.
19
PWUP
Power up
Connect this pin to a 3.3 V compliant logic control. Logic 1 asserts power-up, and
Logic 0 asserts power-down.
20
PM
Performance mode
Connect this pin to a 3.3 V compliant logic control. Logic 1 asserts low
performance mode, and Logic 0 asserts high performance mode.
2nH
0.5µF
0.5µF
+5.0V
+5.0V
AD9625
AC
1:2
DIGITAL
INTERFACE
ADA4961
2nH
VIN+
VIN–
MARKI
BAL-0006GSMG
BAND-PASS
FILTER
50Ω
0.1µF
0.1µF
0.1µF
0.1µF
10Ω
10Ω
50Ω
50Ω
1.5pF
100Ω
VCOM
+5.0V
Figure 41. Wideband ADC Interfacing Example Featuring the ADA4961 and the AD9625
ADC DRIVING
The ADA4961 is a high output linearity variable gain amplifier
optimized for ADC interfacing. The output IMDs and noise
floor remain constant throughout the 22 dB gain range. This is a
valuable feature in a variable gain receiver, where it is desirable to
maintain a constant, instantaneous dynamic range as the receiver
range is modified. The output noise is 6.9 nV/√Hz, which is
compatible with 14-bit or 16-bit ADCs. The two-tone IMDs are
typically greater than −75 dBc for a 5.5 dBm composite signal into
50 Ω or a 1.2 V p-p composite output. The 50 Ω output
impedance makes the task of designing a filter for the high
input impedance ADCs more straightforward.
Figure 41 shows the ADA4961 driving a two-pole, 1 GHz, low-
pass filter into the AD9625. The AD9625 is a 12-bit, 2.5 GSPS
ADC with a buffered wideband input that presents a 100 Ω
differential input impedance and requires a 1.2 V input swing to
reach full scale. For optimum performance, drive the ADA4961
differentially, using a high performance 1:2 matching balun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com