Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8039ART-R2 Datasheet HTML 1Page - Analog Devices AD8039ART-R2 Datasheet HTML 2Page - Analog Devices AD8039ART-R2 Datasheet HTML 3Page - Analog Devices AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8038/AD8039
Rev. G | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 2 kΩ, Gain = +1, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.5 V p-p
300
350
MHz
G = +2, VO = 0.5 V p-p
175
MHz
G = +1, VO = 2 V p-p
100
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p
45
MHz
Slew Rate
G = +1, VO = 2 V step, RL = 2 kΩ
400
425
V/μs
Overdrive Recovery Time
G = +2, 1 V overdrive
50
ns
Settling Time to 0.1%
G = +2, VO = 2 V step
18
ns
NOISE/HARMONIC PERFORMANCE
SFDR
Second Harmonic
fC = 1 MHz, VO = 2 V p-p, RL = 2 kΩ
−90
dBc
Third Harmonic
fC = 1 MHz, VO = 2 V p-p, RL = 2 kΩ
−92
dBc
Second Harmonic
fC = 5 MHz, VO = 2 V p-p, RL = 2 kΩ
−65
dBc
Third Harmonic
fC = 5 MHz, VO = 2 V p-p, RL = 2 kΩ
−70
dBc
Crosstalk, Output-to-Output (AD8039)
f = 5 MHz, G = +2
−70
dB
Input Voltage Noise
f = 100 kHz
8
nV/√Hz
Input Current Noise
f = 100 kHz
600
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.5
3
mV
Input Offset Voltage Drift
4.5
μV/°C
Input Bias Current
400
750
nA
Input Bias Current Drift
3
nA/°C
Input Offset Current
±25
nA
Open-Loop Gain
VO = ±2.5 V
70
dB
INPUT CHARACTERISTICS
Input Resistance
10
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
RL = 1 kΩ
±4
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
61
67
dB
OUTPUT CHARACTERISTICS
DC Output Voltage Swing
RL = 2 kΩ, saturated output
±4
V
Capacitive Load Drive
30% overshoot, G = +2
20
pF
POWER SUPPLY
Operating Range
3.0
12
V
Quiescent Current per Amplifier
1.0
1.5
mA
Power Supply Rejection Ratio
−Supply
−71
−77
dB
+Supply
−64
−70
dB
POWER-DOWN DISABLE1
Turn-On Time
180
ns
Turn-Off Time
700
ns
Disable Voltage—Part is Off
+VS − 4.5
V
Disable Voltage—Part is On
+VS − 2.5
V
Disabled Quiescent Current
0.2
mA
Disabled In/Out Isolation
f = 1 MHz
−60
dB
1 Only available in AD8038 8-lead SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com