Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices AD8039ART-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8038/AD8039
Rev. G | Page 8 of 16
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
RL = 500Ω HD2
RL = 500Ω HD3
RL = 2kΩ HD3
RL = 2kΩ HD2
FREQUENCY (MHz)
15
4
3
2
678
9
10
Figure 18. Harmonic Distortion vs. Frequency for Various Loads,
VS = 5 V, VOUT = 2 V p-p, G = +2
FREQUENCY (MHz)
–90
–80
–70
–60
–50
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–100
15
4
3
2
6789
10
Figure 19. Harmonic Distortion vs. Frequency for Various Gains,
VS = ±5 V, VOUT = 2 V p-p
FREQUENCY (MHz)
–100
–90
–70
–60
–50
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–80
15
4
3
2
678
9
10
Figure 20. Harmonic Distortion vs. Frequency for Various Gains,
VS = 5 V, VOUT = 2 V p-p
AMPLITUDE (V p-p)
1
234
–100
–80
–70
–60
–50
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
1MHz HD3
–90
–40
Figure 21. Harmonic Distortion vs. VOUT Amplitude for Various Frequencies,
VS = ±5 V, G = +2
AMPLITUDE (V p-p)
1.0
–85
–75
–65
–55
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
–95
–45
1.5
2.0
2.5
3.0
1MHz HD3
Figure 22. Harmonic Distortion vs. Amplitude for Various Frequencies,
VS = 5 V, G = +2
1000
100
10
1
10
FREQUENCY (Hz)
10M
100k
1k
100
10k
100M
1M
Figure 23. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com