Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices AD8039ART-R2 Datasheet HTML 12Page - Analog Devices AD8039ART-R2 Datasheet HTML 13Page - Analog Devices AD8039ART-R2 Datasheet HTML 14Page - Analog Devices AD8039ART-R2 Datasheet HTML 15Page - Analog Devices AD8039ART-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8038/AD8039
Rev. G | Page 16 of 16
COMPLIANT TO JEDEC STANDARDS MO-178-BA
8°
4°
0°
SEATING
PLANE
1.95
BSC
0.65 BSC
0.60
BSC
76
12
34
5
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.22 MAX
0.08 MIN
0.38 MAX
0.22 MIN
0.60
0.45
0.30
PIN 1
INDICATOR
8
Figure 48. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8038AR
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038AR-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038AR-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038ARZ1
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038ARZ-REEL1
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038ARZ-REEL71
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8038AKSZ-R21
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-5
H1C
AD8038AKSZ-REEL1
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-5
H1C
AD8038AKSZ-REEL71
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-5
H1C
AD8039AR
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039AR-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039AR-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039ARZ1
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039ARZ-REEL1
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039ARZ-REEL71
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8039ART-R2
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA
AD8039ART-REEL
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA
AD8039ART-REEL7
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA
AD8039ARTZ-R21
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA#
AD8039ARTZ-REEL1
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA#
AD8039ARTZ-REEL71
−40°C to +85°C
8-Lead Small Outline Transistor Package [SOT-23]
RJ-8
HYA#
1 Z = RoHS Compliant Part, # denotes RoHS compliant part may be top or bottom marked..
©2002–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02951-0-8/09(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com