Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices AD8039ART-R2 Datasheet HTML 12Page - Analog Devices AD8039ART-R2 Datasheet HTML 13Page - Analog Devices AD8039ART-R2 Datasheet HTML 14Page - Analog Devices AD8039ART-R2 Datasheet HTML 15Page - Analog Devices AD8039ART-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8038/AD8039
Rev. G | Page 12 of 16
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
10
100
1
1000
Figure 42. AD8038 Input-Output Isolation (G = +2, RL = 2 kΩ, VS = ±5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com