Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9821 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9821
Description  Dual channel TV FM intercarrier sound demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9821 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9821 Datasheet HTML 1Page - NXP Semiconductors TDA9821 Datasheet HTML 2Page - NXP Semiconductors TDA9821 Datasheet HTML 3Page - NXP Semiconductors TDA9821 Datasheet HTML 4Page - NXP Semiconductors TDA9821 Datasheet HTML 5Page - NXP Semiconductors TDA9821 Datasheet HTML 6Page - NXP Semiconductors TDA9821 Datasheet HTML 7Page - NXP Semiconductors TDA9821 Datasheet HTML 8Page - NXP Semiconductors TDA9821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Nov 20
5
Philips Semiconductors
Product specification
Dual channel TV FM intercarrier
sound demodulator
TDA9821
Second sound carrier mute
The output of the second FM demodulator is muted when
the signal level (signal and/or noise) at pin 15 is less than
typically 0.5 mV (RMS value). This avoids an incorrect
stereo or dual sound identification when a mono signal is
transmitted. Therefore, with a mono transmission, there is
no audio output at pin 7. When the signal level at pin 15 is
greater than typically 1.0 mV (RMS value) mute is
switched off.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Equivalent to discharging a 200 pF capacitor via a 0
Ω series resistor.
2. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 14)
−0.5
+9.0
V
Vi
input signal (pins 1 and 15)
−0.5
+5.0
V
ts
short-circuit time (each pin except pins 13 and 14 to
be tested; one at the time)
−
10
s
Tstg
storage temperature
device
−25
+125
°C
device in packing
−25
+85
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
0
70
°C
Ves
electrostatic handling for all pins
note 1
−500
+500
V
note 2
−4000
+4000
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
74
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com