Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9821 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9821
Description  Dual channel TV FM intercarrier sound demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9821 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9821 Datasheet HTML 4Page - NXP Semiconductors TDA9821 Datasheet HTML 5Page - NXP Semiconductors TDA9821 Datasheet HTML 6Page - NXP Semiconductors TDA9821 Datasheet HTML 7Page - NXP Semiconductors TDA9821 Datasheet HTML 8Page - NXP Semiconductors TDA9821 Datasheet HTML 9Page - NXP Semiconductors TDA9821 Datasheet HTML 10Page - NXP Semiconductors TDA9821 Datasheet HTML 11Page - NXP Semiconductors TDA9821 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Nov 20
8
Philips Semiconductors
Product specification
Dual channel TV FM intercarrier
sound demodulator
TDA9821
Notes
1. The output signal at pin 7 can only be measured when mute is disabled. This is achieved by inserting a resistor of
2.7 k
Ω between pin 15 and ground. In this event the input impedance is 490 Ω.
2. Improvement of ripple rejection is possible by connecting series RC between pin 11 and pin 14 (15 k
Ω + 2.2 µF;
see Fig.5) for a supply voltage of 4.5 to 5.5 V. The rejection of ripple frequencies up to 3 kHz is improved, but up to
200 kHz is worse; see Fig.3.
Fig.3 Typical improvement.
The curves are typical and valid for ripple frequencies between 50 Hz and 3 kHz.
Conditions: input signal: f = 5.5 MHz, 10 mV (RMS value); ripple on VP = 100 mV (RMS value), fr = 1 kHz;
ripple rejection measurement: unweighted RMS.
(1) Without RC.
(2) With R = 15 k
Ω and C = 2.2 µF.
handbook, full pagewidth
9
VP (V)
40
30
10
0
4
5678
RR
(dB)
20
MHA530
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com