Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9821 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9821
Description  Dual channel TV FM intercarrier sound demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9821 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9821 Datasheet HTML 1Page - NXP Semiconductors TDA9821 Datasheet HTML 2Page - NXP Semiconductors TDA9821 Datasheet HTML 3Page - NXP Semiconductors TDA9821 Datasheet HTML 4Page - NXP Semiconductors TDA9821 Datasheet HTML 5Page - NXP Semiconductors TDA9821 Datasheet HTML 6Page - NXP Semiconductors TDA9821 Datasheet HTML 7Page - NXP Semiconductors TDA9821 Datasheet HTML 8Page - NXP Semiconductors TDA9821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Nov 20
4
Philips Semiconductors
Product specification
Dual channel TV FM intercarrier
sound demodulator
TDA9821
PINNING
SYMBOL
PIN
DESCRIPTION
IN1(B/G)
1
intercarrier input 1 at 5.5 MHz
n.c.
2
not connected
n.c.
3
not connected
n.c.
4
not connected
n.c.
5
not connected
n.c.
6
not connected
VAF2
7
audio output voltage 2
VAF1
8
audio output voltage 1
C1
9
decoupling capacitor 1
C2
10
decoupling capacitor 2
VCOref
11
VCO reference
CSTAB
12
supply voltage stabilization
GND
13
ground
VP
14
supply voltage
IN2(B/G)
15
intercarrier input 2
n.c.
16
not connected
Fig.2 Pin configuration.
handbook, halfpage
TDA9821
MHA531
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1(B/G)
n.c.
n.c.
n.c.
n.c.
VAF2
VAF1
n.c.
n.c.
IN2(B/G)
VP
CSTAB
VCOref
C2
C1
GND
FUNCTIONAL DESCRIPTION
The complete circuit consists of two separate channels,
each consisting of a limiter-amplifier, FM demodulator and
AF amplifier. Circuit operation is also described in Fig.1.
FM demodulators
The intercarrier signal is fed through external ceramic
band-pass filters which are tuned to the sound carrier
frequencies.
Each limiter-amplifier is AC-coupled into a
FM demodulator. The integrated FM demodulator PLLs
are alignment-free. The FM demodulator outputs are
amplified to 500 mV (RMS value). High amplification and
DC error signals of the PLLs, which are superimposed on
the FM demodulator outputs, require DC decoupling at
pins 9 and 10 of the AF amplifier inputs.
Stereo channel separation adjustment (optional)
Optimal stereo channel separation is achieved by
adjusting VAF1 (pin 8) and VAF2 (pin 7) as follows:
1. VAF1 by a resistor in series with the DC decoupling
capacitor at pin 9
2. VAF2 by a variable resistor in series with the
DC decoupling capacitor on pin 10 to the same
voltage as VAF1.
Normally stereo channel separation is adjusted in the
stereo decoder for the B/G standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com