Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9821 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9821
Description  Dual channel TV FM intercarrier sound demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9821 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9821 Datasheet HTML 7Page - NXP Semiconductors TDA9821 Datasheet HTML 8Page - NXP Semiconductors TDA9821 Datasheet HTML 9Page - NXP Semiconductors TDA9821 Datasheet HTML 10Page - NXP Semiconductors TDA9821 Datasheet HTML 11Page - NXP Semiconductors TDA9821 Datasheet HTML 12Page - NXP Semiconductors TDA9821 Datasheet HTML 13Page - NXP Semiconductors TDA9821 Datasheet HTML 14Page - NXP Semiconductors TDA9821 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1996 Nov 20
11
Philips Semiconductors
Product specification
Dual channel TV FM intercarrier
sound demodulator
TDA9821
Fig.6 Application circuit.
(1) Resistor value depends on filter.
handbook, full pagewidth
n.c.
12
16
3
15
4
14
5
13
6
12
7
MHA427
11
8
10
9
VP
10 nF
VAF2
TDA9821
n.c.
V
10
µF
5.5
MHz
intercarrier
5.74
MHz
AF1
2.2
µF
2.2
µF
27 k
Ω
2.2
µF
(1)
(1)
R15
R1
n.c.
n.c.
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com