Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST85WMX6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST85WMX6 Datasheet HTML 16Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 17Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 18Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 19Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
M41ST85W
20/34
Power-on Reset
The M41ST85W continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for trec after VCC passes VPFD(max).
The RST pin is an open drain output and an appro-
priate pull-up resistor should be chosen to control
rise time.
Reset Inputs (RSTIN1 & RSTIN2)
The M41ST85W provides two independent inputs
which can generate an output reset. The duration
and function of these resets is identical to a reset
generated by a power cycle. Table 5. and Figure
19. illustrate the AC reset characteristics of this
function. Pulses shorter than tRLRH1 and tRLRH2
will not generate a reset condition. RSTIN1 and
RSTIN2 are each internally pulled up to VCC
through a 100k
Ω resistor.
Figure 19. RSTIN1 & RSTIN2 Timing Waveforms
Note: With pull-up resistor
Table 5. Reset AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where noted).
2. Pulse width less than 50ns will result in no RESET (for noise immunity).
3. Pulse width less than 20ms will result in no RESET (for noise immunity).
4. Programmable (see Table 6., page 22).
Symbol
Parameter(1)
Min
Max
Unit
tRLRH1
(2)
RSTIN1 Low to RSTIN1 High
200
ns
tRLRH2
(3)
RSTIN2 Low to RSTIN2 High
100
ms
tR1HRH
(4)
RSTIN1 High to RST High
40
200
ms
tR2HRH
(4)
RSTIN2 High to RST High
40
200
ms
AI03665
RSTIN2
RST
(1)
RSTIN1
tRLRH1
tRLRH2
tR1HRH
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com