Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41ST85WMX6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41ST85WMX6 Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
M41ST85W
24/34
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 9. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 20. AC Testing Input/Output Waveforms
Table 10. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs are deselected.
Parameter
M41ST85W
VCC Supply Voltage
2.7 to 3.6V
Ambient Operating Temperature
–40 to 85°C
Load Capacitance (CL)
50pF
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2 to 0.8VCC
Input and Output Timing Ref. Voltages
0.3 to 0.7VCC
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
7
pF
COUT
(3)
Output Capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com