Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41ST85WMX6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41ST85WMX6 Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25/34
M41ST85W
Table 11. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where noted).
2. Measured with VOUT and ECON open.
3. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to VSS through 100KΩ resistor.
4. Outputs Deselected.
5. External SRAM must match RTC SUPERVISOR chip VCC specification.
6. For PFO and SQW pins (CMOS).
7. Conditioned output (ECON) can only sustain CMOS leakage current in the battery back-up mode. Higher leakage currents will re-
duce battery life.
8. For IRQ/FT/OUT, RST pins (Open Drain): if pulled-up to supply other than VCC, this supply must be equal to, or less than 3.0V when
VCC = 0V (during battery back-up mode).
9. For rechargeable back-up, VBAT (max) may be considered VCC.
Sym
Parameter
Test Condition(1)
M41ST85W
Unit
Min
Typ
Max
IBAT
(2)
Battery Current OSC ON
TA = 25°C, VCC = 0V, VBAT = 3V
400
500
nA
Battery Current OSC OFF
50
nA
ICC1
Supply Current
f = 400kHz
0.75
mA
ICC2
Supply Current (Standby)
SCL, SDA = VCC – 0.3V
or VSS + 0.3V
0.50
mA
ILI
(3)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
Input Leakage Current (PFI)
–25
2
25
nA
ILO
(4)
Output Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
IOUT1
(5)
VOUT Current (Active)
VOUT1 > VCC – 0.3V
100
mA
IOUT2
VOUT Current (Battery Back-up)
VOUT2 > VBAT – 0.3V
100
µA
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VIL
Input Low Voltage
–0.3
0.3VCC
V
VBAT
Battery Voltage
2.5
3.0
3.5(9)
V
VOH
Output High Voltage(6)
IOH = –1.0mA
2.4
V
Pull-up Supply Voltage (Open Drain)
RST, IRQ/FT/OUT
3.6
V
VOHB
(7)
VOH (Battery Back-up)
IOUT2 = –1.0µA
2.5
2.9
3.5
V
VOL
Output Low Voltage
IOL = 3.0mA
0.4
V
Output Low Voltage (Open Drain)(8)
IOL = 10mA
0.4
V
VPFD
Power Fail Deselect
2.55
2.60
2.70
V
VPFI
PFI Input Threshold
VCC = 3V(W)
1.225
1.250
1.275
V
PFI Hysteresis
PFI Rising
20
70
mV
VSO
Battery Back-up Switchover
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com