Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST85WMX6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST85WMX6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 29Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 30Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 31Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 32Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 33Page - STMicroelectronics M41ST85WMX6 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
31/34
M41ST85W
Figure 26. SOX28 – 28-lead Plastic Small Outline, 300mils, Embedded Crystal, Package Outline
Note: Drawing is not to scale.
Table 17. SOX28 – 28-lead Plastic Small Outline, 300mils, Embedded Crystal, Mech. Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.44
2.69
0.096
0.106
A1
0.15
0.31
0.006
0.012
A2
2.29
2.39
0.090
0.094
B
0.41
0.51
0.016
0.020
C
0.20
0.31
0.008
0.012
D
17.91
18.01
0.705
0.709
ddd
0.10
0.004
E
7.57
7.67
0.298
0.302
e1.27–
–
0.050
–
–
H
10.16
10.52
0.400
0.414
L
0.51
0.81
0.020
0.032
α
0°
8°
0°
8°
N
28
28
E
14
e
D
C
H
15
28
1
B
SO-E
A1
L
A1
α
h x 45
°
A
A2
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com