Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5140 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 3Page - NXP Semiconductors TDF5140 Datasheet HTML 4Page - NXP Semiconductors TDF5140 Datasheet HTML 5Page - NXP Semiconductors TDF5140 Datasheet HTML 6Page - NXP Semiconductors TDF5140 Datasheet HTML 7Page - NXP Semiconductors TDF5140 Datasheet HTML 8Page - NXP Semiconductors TDF5140 Datasheet HTML 9Page - NXP Semiconductors TDF5140 Datasheet HTML 10Page - NXP Semiconductors TDF5140 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1999 March 15
7
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
CHARACTERISTICS
VP = 14.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
−
18
V
IP
supply current
note 2
−
3.7
5
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
1.7
−
20
V
Thermal protection
TSD
local temperature at
temperature sensor causing
shut-down
130
140
150
°C
∆T
reduction in temperature before
switch-on
after shut-down
−
TSD − 30 −
K
MOT0; centre tap
VI
input voltage
−0.5
−
VVMOT
V
II
input bias current
0.5 V
< VI < VVMOT − 1.5 V −10
−
0
µA
VCSW
comparator switching level
note 3
±20
±30
±40
mV
∆VCSW
variation in comparator
switching levels
−3
0
+3
mV
Vhys
comparator input hysteresis
−
75
−µV
MOT1, MOT2 and MOT3
VDO
drop-out output voltage
IO = 100 mA
−
0.93
1.05
V
IO = 500 mA
−
1.65
1.80
V
∆VOL
variation in saturation voltage
between lower transistors
IO = 100 mA
−−
180
mV
∆VOH
variation in saturation voltage
between upper transistors
IO = −100 mA
−−
180
mV
ILIM
current limiting
VVMOT = 10 V; RO = 6.8 Ω 0.7
0.8
1
A
VDHF
diode forward voltage (diode DH)IO = −500 mA; notes 4
and 5; see Fig.1
−−
1.5
V
VDLF
diode forward voltage (diode DL)IO = 500 mA; notes 4 and
5; see Fig.1
−1.5
−−
V
IDM
peak diode current
note 5
−−
1A
+AMP IN and
−AMP IN
VI
input voltage
−0.3
−
VP − 1.7
V
differential mode voltage without
'latch-up'
−−
±VP
V
Ib
input bias current
−−
650
nA
CI
input capacitance
−
4
−
pF
Voffset
input offset voltage
−−
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com