Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5140 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 4Page - NXP Semiconductors TDF5140 Datasheet HTML 5Page - NXP Semiconductors TDF5140 Datasheet HTML 6Page - NXP Semiconductors TDF5140 Datasheet HTML 7Page - NXP Semiconductors TDF5140 Datasheet HTML 8Page - NXP Semiconductors TDF5140 Datasheet HTML 9Page - NXP Semiconductors TDF5140 Datasheet HTML 10Page - NXP Semiconductors TDF5140 Datasheet HTML 11Page - NXP Semiconductors TDF5140 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1999 March 15
8
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
AMP OUT (open collector)
II
output sink current
40
−−
mA
Vsat
saturation voltage
II = 40 mA
−
1.5
2.1
V
VO
output voltage
−0.5
−
+18
V
SR
slew rate
RL = 330 Ω; CL = 50 pF
−
60
−
mA/
µs
Gtr
transfer gain
0.3
−−
S
PG IN
VI
input voltage
−0.3
−
+5
V
Ib
input bias current
−−
650
nA
RI
input resistance
5
−
30
k
Ω
VCWS
comparator switching level
86
−
107
mV
Vhys
comparator input hysteresis
−±8
−
mV
PG/FG (open collector)
VOL
LOW level output voltage
IO = 1.6 mA
−−
0.4
V
VOH(max)
maximum HIGH level output
voltage
VP
−−
V
tTHL
HIGH-to-LOW transition time
CL = 50 pF; RL = 10 kΩ−
0.5
−µs
ratio of PG/FG frequency and
commutation frequency
−
1 : 2
−
δ
duty factor
−
50
−
%
tPL
pulse width LOW
after a PG IN pulse
5
7
18
µs
CAP-ST
Isink
output sink current
1.5
2.0
2.5
µA
Isource
output source current
−2.5
−2.0
−1.5
µA
VSWL
LOW level switching voltage
−
0.20
−
V
VSWH
HIGH level switching voltage
−
2.20
−
V
CAP-TI
Isink
output sink current
−
28
−µA
Isource
output source current
0.05 V < VCAP-TI < 0.3 V
−−57
−µA
0.3 V < VCAP-TI < 2.2 V
−−5
−µA
VSWL
LOW level switching voltage
−
50
−
mV
VSWM
MIDDLE level switching voltage
−
0.30
−
V
VSWH
HIGH level switching voltage
−
2.20
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com