Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5140 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDF5140 Datasheet HTML 1Page - NXP Semiconductors TDF5140 Datasheet HTML 2Page - NXP Semiconductors TDF5140 Datasheet HTML 3Page - NXP Semiconductors TDF5140 Datasheet HTML 4Page - NXP Semiconductors TDF5140 Datasheet HTML 5Page - NXP Semiconductors TDF5140 Datasheet HTML 6Page - NXP Semiconductors TDF5140 Datasheet HTML 7Page - NXP Semiconductors TDF5140 Datasheet HTML 8Page - NXP Semiconductors TDF5140 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1999 March 15
4
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
PINNING
SYMBOL
PIN
DIL18
DESCRIPTION
MOT1
1
driver output 1
TEST
2
test input/output
MOT2
3
driver output 2
VMOT
4
input voltage for the output driver stages
PG IN
5
position generator: input from the position detector sensor to the position
detector stage (optional); only if an external position coil is used
PG/FG
6
position generator/frequency generator: output of the rotation speed and position
detector stages (open collector digital output, negative-going edge is valid)
GND2
7
ground supply return for control circuits
VP
8
positive supply voltage
CAP-CD
9
external capacitor connection for adaptive communication delay timing
CAP-DC
10
external capacitor connection for adaptive communication delay timing copy
CAP-ST
11
external capacitor connection for start-up oscillator
CAP-TI
12
external capacitor connection for timing
+AMP IN
13
non-inverting input of the transconductance amplifier
−AMP IN
14
inverting input of the transconductance amplifier
AMP OUT
15
transconductance amplifier output (open collector)
MOT3
16
driver output 3
MOT0
17
input from the star point of the motor coils
GND1
18
ground (0 V) motor supply return for output stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com