Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5140 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 9Page - NXP Semiconductors TDF5140 Datasheet HTML 10Page - NXP Semiconductors TDF5140 Datasheet HTML 11Page - NXP Semiconductors TDF5140 Datasheet HTML 12Page - NXP Semiconductors TDF5140 Datasheet HTML 13Page - NXP Semiconductors TDF5140 Datasheet HTML 14Page - NXP Semiconductors TDF5140 Datasheet HTML 15Page - NXP Semiconductors TDF5140 Datasheet HTML 16Page - NXP Semiconductors TDF5140 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
1999 March 15
13
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
Fig.6 CAP-CD and CAP-DC typical voltage waveforms in normal running mode.
handbook, full pagewidth
MGH317
voltage
on CAP-CD
voltage
on CAP-DC
t
THE TIMING CAPACITOR (CAP-TI)
Capacitor CAP-TI is used for timing the successive steps
within one commutation period; these steps include some
internal delays.
The most important function is the watchdog time in which
the motor EMF has to recover from a negative diode-pulse
back to a positive EMF voltage (or vice versa). A watchdog
timer is a guarding function that only becomes active when
the expected event does not occur within a predetermined
time.
The EMF usually recovers within a short time if the motor
is running normally (
<<ms). However, if the motor is
motionless or rotating in the reverse direction, then the
time can be longer (
>>ms).
A watchdog time must be chosen so that it is long enough
for a motor without EMF (still) and eddy currents that may
stretch the voltage in a motor winding; however, it must be
short enough to detect reverse rotation. If the watchdog
time is made too long, then the motor may run in the wrong
direction (with little torque).
The capacitor is charged, with a current of 57
µA, from
0.2 to 0.3 V. Above this level it is charged, with a current of
5
µA, up to 2.2 V only if the selected motor EMF remains
in the wrong polarity (watchdog function). At the end, or, if
the motor voltage becomes positive, the capacitor is
discharged with a current of 28
µA. The watchdog time is
the time taken to charge the capacitor, with a current of
5
µA, from 0.3 to 2.2 V.
To ensure that the internal delays are covered CAP-TI
must have a minimum value of 2 nF. For the watchdog
function a value for CAP-TI of 10 nF is recommended.
To ensure a good start-up and commutation, care must be
taken that no oscillations occur at the trailing edge of the
flyback pulse. Snubber networks at the outputs should be
critically damped.
Typical voltage waveforms are illustrated by Fig.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com