Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4721 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4721 Datasheet HTML 5Page - Micrel Semiconductor MIC4721 Datasheet HTML 6Page - Micrel Semiconductor MIC4721 Datasheet HTML 7Page - Micrel Semiconductor MIC4721 Datasheet HTML 8Page - Micrel Semiconductor MIC4721 Datasheet HTML 9Page - Micrel Semiconductor MIC4721 Datasheet HTML 10Page - Micrel Semiconductor MIC4721 Datasheet HTML 11Page - Micrel Semiconductor MIC4721 Datasheet HTML 12Page - Micrel Semiconductor MIC4721 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
9
M9999-052907-A
Application Information
The MIC4721 is a 1.5A PWM non-synchronous buck
regulator. A regulated DC output voltage is obtained by
switching an input voltage supply, and filtering the
switched voltage through an inductor and capacitor.
Figure 1 shows a simplified example of a non-synch-
ronous buck converter and its input/output voltage.
Figure 1. Simplified Buck Converter
For a non-synchronous buck converter, there are two
modes of operation; continuous and discontinuous. The
mode refers to the state of current in the inductor. If
current
continuously
flows
through
the
inductor
throughout the switching cycle, it is in continuous
operation. If the inductor current drops to zero during the
off time, it is in discontinuous operation. Critically
continuous is the point where any decrease in output
current will cause it to enter discontinuous operation.
The critically continuous load current can be calculated
as follows.
S
IN
OUT
OUT
CRITICAL
OUT
f
L
V
V
V
I
×
×
−
=
2
2
_
Where: fS is the switching frequency (2MHz for the
MIC4721).
L is the output inductance (Henry).
When IOUT is less than IOUT_CRITICAL, the buck converter
operates in discontinuous mode and the inductor current
goes to zero before the end of each switching cycle.
When IOUT is greater than IOUT_CRITICAL, the converter
operates in continuous mode and current always flows in
the inductor. Continuous or discontinuous operation
determines how peak inductor current is calculated.
Continuous Operation
Figure 2 illustrates the switch voltage and inductor
current during continuous operation.
Figure 2. Continuous Operation
The
output
voltage
is
regulated
by
pulse
width
modulating (PWM) the switch voltage to the average
required output voltage. The switching can be broken up
into two cycles; On and Off.
As seen in Figure 3, the high side switch is turned on
(on-time) and current flows from the input supply through
the inductor and to the output.
Figure 3. On-Time
The inductor current is charged at the rate:
(
)
L
V
V
OUT
IN −
To determine the total on-time, or time at which the
inductor charges, the duty cycle needs to be calculated.
The duty cycle can be calculated as:
IN
OUT
V
V
D
=
and the On time is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com