Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4721 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4721 Datasheet HTML 1Page - Micrel Semiconductor MIC4721 Datasheet HTML 2Page - Micrel Semiconductor MIC4721 Datasheet HTML 3Page - Micrel Semiconductor MIC4721 Datasheet HTML 4Page - Micrel Semiconductor MIC4721 Datasheet HTML 5Page - Micrel Semiconductor MIC4721 Datasheet HTML 6Page - Micrel Semiconductor MIC4721 Datasheet HTML 7Page - Micrel Semiconductor MIC4721 Datasheet HTML 8Page - Micrel Semiconductor MIC4721 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
4
M9999-052907-A
Typical Characteristics
84
85
86
87
88
89
90
91
92
93
94
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
3.3VIN to 2.5VO Efficiency
76
78
80
82
84
86
88
90
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
3.3VIN to 1.8VO Efficiency
72
74
76
78
80
82
84
86
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
3.3VIN to 1.5VO Efficiency
66
68
70
72
74
76
78
80
82
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
3.3VIN to 1.2VO Efficiency
0
10
20
30
40
50
60
70
80
90
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
OUTPUT CURRENT (A)
3.3VIN to 1VO Efficiency
76
78
80
82
84
86
88
90
92
94
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 3.3VO Efficiency
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 2.5VO Efficiency
0
10
20
30
40
50
60
70
80
90
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 1.8VO Efficiency
0
10
20
30
40
50
60
70
80
90
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 1.5VO Efficiency
0
10
20
30
40
50
60
70
80
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 1.2VO Efficiency
0
10
20
30
40
50
60
70
80
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 1VO Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com