Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4721 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4721 Datasheet HTML 1Page - Micrel Semiconductor MIC4721 Datasheet HTML 2Page - Micrel Semiconductor MIC4721 Datasheet HTML 3Page - Micrel Semiconductor MIC4721 Datasheet HTML 4Page - Micrel Semiconductor MIC4721 Datasheet HTML 5Page - Micrel Semiconductor MIC4721 Datasheet HTML 6Page - Micrel Semiconductor MIC4721 Datasheet HTML 7Page - Micrel Semiconductor MIC4721 Datasheet HTML 8Page - Micrel Semiconductor MIC4721 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC4721
1.5A 2MHz Integrated Switch
Buck Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2007
1
M9999-052907-A
General Description
The Micrel MIC4721 is a high efficiency PWM buck (step-
down) regulators that provides up to 1.5A of output
current. The MIC4721 operates at 2MHz and has
proprietary internal compensation that allows a closed loop
bandwidth of over 200KHz.
The low on-resistance internal p-channel MOSFET of the
MIC4721 allows efficiencies up to 94%, reduces external
components count and eliminates the need for an
expensive current sense resistor.
The MIC4721 operates from 2.7V to 5.5V input and the
output can be adjusted down to 1V. The devices can
operate with a maximum duty cycle of 100% for use in low-
dropout conditions.
The MIC4721 is available in the 10-pin MSOP package
with a junction operating range from –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.7 to 5.5V supply voltage
• 2MHz PWM mode
• Output current to 1.5A
• Up to 94% efficiency
• 100% maximum duty cycle
• Adjustable output voltage option down to 1V
• Ultra-fast transient response
• Ultra-small external components
Stable with a 1µH inductor and a 4.7µF output capacitor
• Fully integrated 1.5A MOSFET switch
• Micropower shutdown
• Power Good pin
• Thermal shutdown and current limit protection
• Pb-free 10-pin MSOP package
• –40°C to +125°C junction temperature range
Applications
• FPGA/DSP/ASIC applications
• General point of load
• Broadband communications
• DVD/TV recorders
• Point of sale
• Printers/Scanners
• Set top boxes
• Computing peripherals
• Video cards
___________________________________________________________________________________________________________
Typical Application
1.5A 2MHz Buck Regulator
76
78
80
82
84
86
88
90
92
94
0 0.2 0.4 0.6 0.8
1.2 1.4 1.6
OUTPUT CURRENT (A)
1.0
5VIN to 3.3VO Efficiency


Similar Part No. - MIC4721

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720BML MICREL-MIC4720BML Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720YML MICREL-MIC4720YML Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720YMME MICREL-MIC4720YMME Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4722 MICREL-MIC4722 Datasheet
572Kb / 20P
3mm x 3mm 2.7MHz 3A PWM Buck Regulator
More results

Similar Description - MIC4721

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
1.5A Synchronous Buck Regulator
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
1.5A/3MHz Buck Regulator
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com