Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4721 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC4721 Datasheet HTML 10Page - Micrel Semiconductor MIC4721 Datasheet HTML 11Page - Micrel Semiconductor MIC4721 Datasheet HTML 12Page - Micrel Semiconductor MIC4721 Datasheet HTML 13Page - Micrel Semiconductor MIC4721 Datasheet HTML 14Page - Micrel Semiconductor MIC4721 Datasheet HTML 15Page - Micrel Semiconductor MIC4721 Datasheet HTML 16Page - Micrel Semiconductor MIC4721 Datasheet HTML 17Page - Micrel Semiconductor MIC4721 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
14
M9999-052907-A
5VIN and 1.8VOUT at 1.5A load;
•
Phase Margin = 43.1 Degrees
•
GBW = 218KHz
The non-synchronous MIC4721 regulator only has the
ability to source current. This means that the regulator
must rely on the load to sink current. This causes a non-
linear response at light loads. The following plot shows
the effects of the pole created by the nonlinearity of the
output drive during light load (discontinuous) conditions.
3.3VIN and 1.8VOUT IOUT = 50mA;
•
Phase Margin = 90.5 Degrees
•
GBW = 64.4KHz
Feed Forward Capacitor
The feedback resistors are a gain reduction block in the
overall system response of the regulator. By placing a
capacitor from the output to the feedback pin, high
frequency signal can bypass the resistor divider, causing
a gain increase up to unity gain.
The graph above shows the effects on the gain and
phase of the system caused by feedback resistors and a
feedforward capacitor. The maximum amount of phase
boost
achievable
with
a
feedforward
capacitor
is
graphed below.
By looking at the graph, phase margin can be affected to
a greater degree with higher output voltages. The next
bode plot shows the phase margin of a 1.8V output at
1.5A without a feedforward capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com