Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz Pre-driver RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5320ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
ADL5320
Rev. PrB | Page 3 of 10
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
400
2700
MHz
Input Return Loss (S11)
−10
dB
Output Return Loss (S22)
−10
dB
Reverse Isolation (S12)
−26
dB
FREQUENCY = 880 MHz
Gain
17.9
dB
vs. Frequency
± 50 MHz
±0.4
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
± 0.6
dB
vs. Supply
4.75 V to 5.25 V
TBD
dB
Output 1 dB Compression Point
25.8
dBm
Output Third-Order Intercept
∆f = 1 MHz , Output Power (POUT)= 10 dBm per tone
47.8
dBm
Noise Figure
VPOS = 5 V
3.8
dB
FREQUENCY = 2140 MHz
Gain
13.7
dB
vs. Frequency
± 30 MHz
±0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.9
dB
vs. Supply
4.75 V to 5.25 V
TBD
dB
Output 1 dB Compression Point
25.6
dBm
Output Third-Order Intercept
∆f = 1 MHz , POUT = 10 dBm per tone
42.0
dBm
Noise Figure
VPOS = 5 V
4.2
dB
FREQUENCY = 2350 MHz
Gain
12.6
dB
vs. Frequency
± 50 MHz
±0.25
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.88
dB
vs. Supply
4.75 V to 5.25 V
TBD
dB
Output 1 dB Compression Point
26.1
dBm
Output Third-Order Intercept
∆f = 1 MHz , POUT = 10 dBm per tone
42.8
dBm
Noise Figure
VPOS = 5 V
4.6
dB
POWER INTERFACE
Pins RFOUT, Vcc
Supply Voltage
4.75
5
5.25
V
Supply Current
104
mA
vs. Temp
−40°C ≤ TA ≤ +85°C
109
mA
Power Dissipation
VPOS = 5V
520
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com