Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz Pre-driver RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADL5320
Preliminary Technical Data
Rev. PrB | Page 8 of 10
Table 5. Evaluation Board Configuration Options 800 MHz - 960 MHz
Component
Function
Default Value
C1, C2
AC - coupling capacitors
0402 47 pF
C4, C5, C6
Power supply bypassing capacitors
C4 0603 100 pF
C5 0603 10 nF
C6 1206 10μF
L1
DC bias inductor
0603 47 nH
C3, C7
Tuning capacitors
C3 0402 6.8 pF
C7 0402 2.2 pF
Vsup, Gnd
Power supply connections
Vsup red testloop
Gnd Black testloop
Figure 11. Evaluation Board Layout showing component placement 2110 MHz to 2170 MHz operation
Table 5. Matching Component Spacing 2110 MHz – 2170 MHz
λ 1
λ 2
λ 3
λ 4
1
300 mils
75 mils
175 mils
275mils
1 50 ohm traces 25 mils wide, substrate used is FR4
Table 6. Evaluation Board Configuration Options 2110 MHz – 2170 MHz
Component
Function
Default Value
C1, C2
AC - coupling capacitors
0402 22 pF
C4, C5, C6
Power supply bypassing capacitors
C4 0603 22 pF
C5 0603 10 nF
C6 1206 10μF
L1
DC bias inductor
0603 47 nH
C3, C7
Tuning capacitors
C3 0402 0.5 pF
C7 0402 1.5 pF
Vsup, Gnd
Power supply connections
Vsup red testloop
Gnd Black testloop



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com