Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz Pre-driver RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5320ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADL5320
Preliminary Technical Data
Rev. PrB | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
34
36
38
40
42
44
46
48
50
-4
-2
0246
8
10
12
14
16
18
20
Pout (dBm)
800 MHz
850 MHz
880 MHz
900 MHz
960 MHz
15
16
17
18
19
20
21
22
23
24
25
26
27
800
820
840
860
880
900
920
940
960
Frequency (MHz)
Gain 25 Deg
P1 dB 25 Deg
Gain -40 Deg
P1 dB -40 Deg
Gain 85 Deg
P1 dB 85 Deg
Figure 3. Gain and P1dB vs. Frequency and Temperature 800MHz – 960 MHz
Pout = 10 dBm
Figure 6. OIP3 vs. Pout and Frequency 800 MHz – 960 MHz
34
35
36
37
38
39
40
41
42
43
44
45
-4
-2
0
2
4
6
8
1012
141618
20
Pout (dBm)
2110 MHZ
2140 MHz
2170 MHz
10
12
14
16
18
20
22
24
26
28
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Gain_5V_25
P1dB_5V_25
Gain_5V_-40
P1dB_5V_-40
Gain_5V_85
P1dB_5V_85
Figure 7. OIP3 vs. Pout and Frequency 2100 MHz – 2170 MHz
Figure 4. Gain and P1dB vs. Frequency and Temperature 2110MHz – 2170
MHz Pout = 10 dBm
34
35
36
37
38
39
40
41
42
43
44
45
-4
-2
0
2
4
6
8
101214
161820
Pout (dBm)
2300 MHz
2350 MHz
2400 MHz
10
12
14
16
18
20
22
24
26
28
2300
2310
2320
2330
2340
2350
2360
2370
2380
2390
2400
Frequency (MHz)
Gain_5V_25
P1dB_5V_25
Gain_5V_-40
P1dB_5V_-40
Gain_5V_85
P1dB_5V_85
Figure 8. OIP3 vs. Pout and Frequency 2300 MHz – 2400 MHz
Figure 5. Gain and P1dB vs. Frequency and Temperature 2300MHz – 2400 MHz
Pout = 10 dbm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com