Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5320ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5320ARKZ-R7
Description  400 MHz to 2700 MHz Pre-driver RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5320ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5320ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5320ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
400 MHz to 2700 MHz
Pre-driver RF Amplifier
Preliminary Technical Data
ADL5320
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
1
2
(2)
3
Bias
RFin
GND
GND
RFout
ADL5320
Operation from 400 MHz to 2700 MHz
Gain of +13.7 dB Gain at 2140 MHz
OIP3 of+42.0 dBm at 2140 MHz
P1dB +25.6 dBm at 2140 MHz
Noise Figure of 4.2 dB at 2140 MHz
5V power supply
104 mA Power Supply Current
Internal Active Biasing
Thermally Efficient SOT-89 Package
GENERAL DESCRIPTION
The ADL5320 is a broadband, linear pre-driver RF amplifier
that operates at frequencies from 400 MHz to 2700 MHz. The
device can be used in a wide variety of wired and wireless
applications, including ISM, WLL, PCS, GSM, CDMA and
WCDMA.
The ADL5320 operates with 5V supply voltage with a supply
current of 104 mA.
Figure 1.
The ADL5320 is fabricated on a GaAs HBT process. The device is
packaged in a low-cost SOT-89 that uses an exposed paddle for
excellent thermal impedance. It operates from −40°C to +85°C.
A fully populated evaluation board is also available.


Similar Part No. - ADL5320ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320ARKZ-R7 AD-ADL5320ARKZ-R7 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320ARKZ-R7 AD-ADL5320ARKZ-R7 Datasheet
476Kb / 20P
RF Driver Amplifier
10/13-Rev. A to Rev. B
More results

Similar Description - ADL5320ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
logo
NXP Semiconductors
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com