Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4105SB Datasheet(PDF) 11 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 11 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 7Page - Hollingsworth R4105SB Datasheet HTML 8Page - Hollingsworth R4105SB Datasheet HTML 9Page - Hollingsworth R4105SB Datasheet HTML 10Page - Hollingsworth R4105SB Datasheet HTML 11Page - Hollingsworth R4105SB Datasheet HTML 12Page - Hollingsworth R4105SB Datasheet HTML 13Page - Hollingsworth R4105SB Datasheet HTML 14Page - Hollingsworth R4105SB Datasheet HTML 15Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
22/18 Female Slip-Ons
Barrel Inside Diameter
CMA Range 509-2050 .064"/ 1.63 mm – .110 Series .057”/1.45 mm – All Others
Material: BRASS
Thickness: .012" / .305 mm – .110 and .125 Series
.018” / .457 mm – All Others
Basic Dimensions
Non-Insulated
NEMA
W
W
T
T
E
E
B
B
FITS
L
L
Hand
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
In.
mm
TAB
NIT
In.
mm
Tool
NIT-IG
In.
mm
Tool
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70904S
.55
12.45
H12
SO70931S
.63
16.00
H12
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1120S { .55
12.45
H12
SO1126S * {
.63
16.00
H12
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70905S
.55
12.45
H12
SO70932S
.63
16.00
H12
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1130S { .55
12.45
H12
SO1136S * {
.63
16.00
H12
.020 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9604S
.57
14.48
H12
SO9609S
.71
18.03
H12
.032 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9602S
.57
14.48
H12
SO9607S
.71
18.03
H12
.020 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9603S
.57
14.48
H12
H12
.032 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9601S
.57
14.48
H12
SO9606S
.71
18.03
H12
.032 x.250
.290 7.37
.065 1.65 .300
7.62
.17
4.32
SO9600S
.62
15.75
H12
SO9605S
.76
19.30
H12
zy
* Special Order
zy
Insulated (Red Vinyl)
Insulated (Red Nylon)
Basic Dimensions
Insul. Dia.
.125" / 3.18 mm
Insul. Dia.
.118" / 3.00 mm
NEMA
W
W
T
T
E
E
B
B
FITS
FIT
L
L
Hand
Funnel
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
In.
mm
TAB
Flared
In.
mm
Tool
FIIG
In.
mm
Tool
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70908SF
.78
19.81
H8A4
XSO70910SN
.78
19.81
H13**
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1121SF { .78
19.81
H8A4
XSO1122SN* {
.78
19.81
H13**
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70909SF
.78
19.81
H8A4
XSO70911SN
.78
19.81
H13**
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1131SF { .78
19.81
H8A4
XSO1132SN * {
.78
19.81
H13**
.020 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9619SF
.86
21.84
H13
XSO9624SN
.86
21.84
H43
.032 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9617SF
.86
21.84
H13
XSO9622SN
.86
21.84
H43
.020 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9618SF
.86
21.84
H13
XSO9623SN
.86
21.84
H43
.032 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9616SF
.86
21.84
H13
XSO9621SN
.86
21.84
H43
.032 x.250
.290 7.37
.065 1.65 .300
7.62
.17
4.32
SO9615SF
.91
23.11
H13
XSO9620SN
.91
23.11
H43
zy
* Special Order
zy
** Locator Blade 13-023 to be ordered
in addition to Hand Tool.
22/18 Male Slip-Ons
Barrel Inside Diameter
CMA Range 509-2050 .053"/ 1.35 mm – .020 Series .056”/1.42 mm – .032 Series
Material: BRASS
Thickness: .012" / .305 mm – .110 and .125 Series
.018” / .457 mm – All Others
Basic Dimensions
Non-Insulated
NEMA
C
C
E
E
B
B
FITS
L
L
Hand
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
TAB
NIT
In.
mm
Tool
NIT-IG
In.
mm
Tool
.020 x.110
.218 5.54
.280 7.11
.17
4.32
A
SO9419S
.58
14.73
H12
SO9427S
.72
18.29
H12
.020 x.110
.138 3.51
.280 7.11
.17
4.32
B
SO9418S {
.58
14.73
H12
SO9426S * {
.72
18.29
H12
.020 x.187
.125 3.18
.250 6.35
.17
4.32
SO9416S
.55
13.97
H12
SO9424S
.69
17.53
H12
.032 x.187
.125 3.18
.250 6.35
.17
4.32
SO9104S
.62
15.75
H4A
.032 x.187
.125 3.18
.250 6.35
.26
6.60
SO9104
.71
18.03
H4A
.020 x.205
.125 3.18
.250 6.35
.17
4.32
SO9417S
.55
13.97
H12
SO9425S
.69
17.53
H12
.032 x.205
.125 3.18
.250 6.35
.17
4.32
SO9105S
.62
15.75
H4A
.032 x.205
.125 3.18
.250 6.35
.26
6.60
SO9105
.71
18.03
H4A
.032 x.250
.134 3.40
.307 7.80
.17
4.32
SO9106S **
.67
17.02
H4A
.032 x.250
.134 3.40
.307 7.80
.26
6.60
SO9106 **
.76
19.30
H4A
zy
** Not UL Listed
zy
* Special Order
Basic Dimensions
Insulated (Red Vinyl)
Insulated (Red Nylon)
NEMA
C
C
E
E
B
B
FITS
Funnel
Insul. Dia.
L
L
Hand
Funnel
Insul. Dia.
L
L
Hand
TAB
In. mm In. mm In.
mm
TAB
FIT
In.
mm In.
mm
Tool
FIIG
In.
mm
In.
mm
Tool
.020 x.110
.218 5.54 .280 7.11 .17
4.32
A
SO9447SF
.124 3.15 .86 21.84
H8A
XSO9453SN
.118
3.00
.85
21.59 H43
.020 x.110
.138 3.51 .280 7.11 .17
4.32
B
SO9446SF {
.124 3.15 .86 21.84
H8A
XSO9452SN* {
.118
3.00
.85
21.59 H43
.020 x.187
.125 3.18 .250 6.35 .17
4.32
SO9444SF
.124 3.15 .83 21.08
H8A
XSO9450SN
.118
3.00
.82
20.83 H43
.032 x.187
.125 3.18 .250 6.35 .17
4.32
SO9110SF
.160 4.06 .90 22.86
H7B
XSO9115SN
.146
3.71
.88
22.35 H7B
.032 x.187
.125 3.18 .250 6.35 .26
6.60
SO9110F
.160 4.06 .97 24.64
H7B
.020 x.205
.125 3.18 .250 6.35 .17
4.32
SO9445SF
.124 3.15 .83 21.08
H8A
XSO9451SN
.118
3.00
.82
20.83 H43
.032 x.205
.125 3.18 .250 6.35 .17
4.32
SO9112SF
.160 4.06 .90 22.86
H7B
XSO9116SN
.146
3.71
.88
22.35 H7B
.032 x.205
.125 3.18 .250 6.35 .26
6.60
SO9112F
.160 4.06 .97 24.64
H7B
.032 x.250
.134 3.40 .307 7.80 .17
4.32
SO9113SF
.160 4.06 .95 24.13
H7B
XSO9117SN
.146
3.71
.96
24.38 H7B
.032 x.250
.134 3.40 .307 7.80 .26
6.60
SO9113F
.160 4.06 1.02 25.91
H7B
zy
zy
* Special Order
Mating .110 series tab
Dimensions type A
Dimensions type B
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com