Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4105SB Datasheet(PDF) 19 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 19 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 15Page - Hollingsworth R4105SB Datasheet HTML 16Page - Hollingsworth R4105SB Datasheet HTML 17Page - Hollingsworth R4105SB Datasheet HTML 18Page - Hollingsworth R4105SB Datasheet HTML 19Page - Hollingsworth R4105SB Datasheet HTML 20Page - Hollingsworth R4105SB Datasheet HTML 21Page - Hollingsworth R4105SB Datasheet HTML 22Page - Hollingsworth R4105SB Datasheet HTML 23Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
8 Rings
CMA Range 13,100-20,800 Barrel Inside Diameter .173"/ 4.39 mm
Material: COPPER Thickness: .045" / 1.14 mm
Insulated (Red Vinyl)
Insulated (Red Nylon)
Insulation Diameter
Insulation Diameter
Basic Dimensions
Non-Insulated
.265" / 6.73 mm
.265" / 6.73 mm
.315"/8.00 mm
Stud W
W
C
C
NIT
E
E
L
L
E
E
L
L
FIT
Funnel
E
E
L
L
Size In.
mm
In.
mm
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
Flared
FIT
In.
mm
In.
mm
8
.38
9.65
.39 9.91 R3499B
.72 18.29 .90
22.86 R3503B
1.04 26.42 1.23 31.24 R3503BF
R3503BFN
1.16 29.46 1.35 34.29
8
.47 11.94 .39 9.91 R2996B
.72 18.29 .95
24.13 R3030B
1.04 26.42 1.28 32.51 R3030BF
R3030BFN
1.16 29.46 1.39 35.31
10
.38
9.65
.39 9.91 R3500B
.72 18.29 .90
22.86 R3504B
1.04 26.42 1.23 31.24 R3504BF
R3504BFN
1.16 29.46 1.35 34.29
10
.47 11.94 .39 9.91 R3460B
.72 18.29 .95
24.13 R3031B
1.04 26.42 1.28 32.51 R3031BF
R3031BFN
1.16 29.46 1.39 35.31
10
.59 14.99 .57 14.48 R3445B
.91 23.11 1.20 30.48 R3027B
1.23 31.24 1.53 38.86 R3027BF
R3027BFN
1.34 34.04 1.63 41.40
1/4
.38
9.65
.39 9.91 R3501B
.72 18.29 .90
22.86 R3502B
1.04 26.42 1.23 31.24 R3502BF
R3502BFN
1.16 29.46 1.35 34.29
1/4
.47 11.94 .39 9.91 R3461B
.72 18.29 .95
24.13 R3032B
1.04 26.42 1.28 32.51 R3032BF
R3032BFN
1.16 29.46 1.39 35.31
1/4
.59 14.99 .57 14.48 R3444B
.91 23.11 1.20 30.48 R3028B
1.23 31.24 1.53 38.86 R3028BF
R3028BFN
1.34 34.04 1.63 41.40
5/16 .59 14.99 .57 14.48 R3462B
.91 23.11 1.20 30.48 R3033B
1.23 31.24 1.53 38.86 R3033BF
R3033BFN
1.34 34.04 1.63 41.40
3/8
.59 14.99 .57 14.48 R3463B
.91 23.11 1.20 30.48 R3034B
1.23 31.24 1.53 38.86 R3034BF
R3034BFN
1.34 34.04 1.63 41.40
3/8
.88 22.35 1.00 25.40 R3491B
1.33 33.78 1.76 44.70 R3043B
1.65 41.91 2.09 53.09 R3043BF
R3043BFN
1.77 44.96 2.21 56.13
1/2
.88 22.35 1.00 25.40 R3492B
1.33 33.78 1.76 44.70 R3042B
1.65 41.91 2.09 53.09 R3042BF
R3042BFN
1.77 44.96 2.21 56.13
1/2 1.25 31.75 1.00 25.40 R3494B
1.33 33.78 1.95 49.53 R3039B
1.65 41.91 2.28 57.91 R3039BF
R3039BFN
1.77 44.96 2.39 60.71
5/8
.88 22.35 1.00 25.40 R3493B
1.33 33.78 1.76 44.70 R3044B
1.65 41.91 2.09 53.09 R3044BF
R3044BFN
1.77 44.96 2.21 56.13
5/8 1.25 31.75 1.00 25.40 R3495B
1.33 33.78 1.95 49.53 R3040B
1.65 41.91 2.28 57.91 R3040BF
R3040BFN
1.77 44.96 2.39 60.71
3/4 1.25 31.75 1.00 25.40 R3496B
1.33 33.78 1.95 49.53 R3041B
1.65 41.91 2.28 57.91 R3041BF
R3041BFN
1.77 44.96 2.39 60.71
Hand Tool
H20
H20
H20
H20
zy
zy
N*
zy
zy
N* Items on this page are also available in nylon. To
order, add N suffix to catalog number.
Example: BO110BN
6 Rings
CMA Range 20,800-33,100 Barrel Inside Diameter .238"/ 6.05 mm
Material: COPPER Thickness: .057" / 1.45 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Insulation Diameter
Insulation Diameter
Basic Dimensions
Non-Insulated
.350" /8.89 mm
.430" / 10.92 mm
.430" / 10.92 mm
Stud W
W
C
C
NIT
E
E
L
L
E
E
L
L
FIT
Funnel
E
E
L
L
Size In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm Flared
FIT
In.
mm
In.
mm
10
.47 11.94 .54 13.72 R64641B
.95 24.13 1.18 29.97 R4001B
1.38 35.05 1.62 41.15 R4001BF
R4001BFN
1.51 38.35 1.74 44.20
1/4
.47 11.94 .54 13.72 R64642B
.95 24.13 1.18 29.97 R4002B
1.38 35.05 1.62 41.15 R4002BF
R4002BFN
1.51 38.35 1.74 44.20
1/4
.63 16.00 .54 13.72 R64651B
.95 24.13 1.26 32.00 R4010B
1.38 35.05 1.70 43.18 R4010BF
R4010BFN
1.47 37.34 1.79 45.47
5/16 .63 16.00 .54 13.72 R64643B
.95 24.13 1.26 32.00 R4003B
1.38 35.05 1.70 43.18 R4003BF
R4003BFN
1.51 38.35 1.82 46.23
3/8
.63 16.00 .54 13.72 R64644B
.95 24.13 1.26 32.00 R4004B
1.38 35.05 1.70 43.18 R4004BF
R4004BFN
1.47 37.34 1.79 45.47
7/16 .63 16.00 .54 13.72 R64645B
.95 24.13 1.26 32.00 R4005B
1.38 35.05 1.70 43.18 R4005BF
R4005BFN
1.47 37.34 1.79 45.47
1/2
.88 22.35 1.00 25.40 R64654B
1.41 35.81 1.85 46.99 R4007B
1.85 46.99 2.28 57.91 R4007BF
R4007BFN
1.94 49.28 2.37 60.20
5/8
.88 22.35 1.00 25.40 R64655B
1.41 35.81 1.85 46.99 R4008B
1.85 46.99 2.28 57.91 R4008BF
R4008BFN
1.94 49.28 2.37 60.20
Hand Tool
H20
H20
H20
H20
zy
zy
N*
zy
zy
N* Items on this page are also available in nylon. To
order, add N suffix to catalog number.
Example: R400BN
69
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com