Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4105SB Datasheet(PDF) 16 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 16 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 12Page - Hollingsworth R4105SB Datasheet HTML 13Page - Hollingsworth R4105SB Datasheet HTML 14Page - Hollingsworth R4105SB Datasheet HTML 15Page - Hollingsworth R4105SB Datasheet HTML 16Page - Hollingsworth R4105SB Datasheet HTML 17Page - Hollingsworth R4105SB Datasheet HTML 18Page - Hollingsworth R4105SB Datasheet HTML 19Page - Hollingsworth R4105SB Datasheet HTML 20Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
High Temperature - 650°F / 900° F / 1200°F
Terminals and Connectors, Wire Sizes 22 to 2 AWG
For high temperature applications: maximum operating temperatures are 650
°F, 900°F, or 1200°F.
650°F (343°C)
650
°F terminals are made of Nickel-plated pure copper.
NIT Brazed
Insulation Grip
Basic Dimensions
Non-Insulated
Insulation Grip
Wire
Size
Stud
Size
Max. Width
W (In.)
Min. Clearance
C (In.)
NIT
Brazed
Max Length
L (In.)
Hand
Tool
NIT-IG
Max Length
L (In.)
H270
Die
22-16
10*
.31
.32
R4278SB
.65
H4A
R4278SBMG
.84
27089
16-14
10*
.31
.28
R4308SB
.62
H4A
R4308SBMG
.83
27092
12-10
10*
.37
.28
R3430B
.74
H4A
R3430BMG
.95
27095
8
10*
.38
.39
R3472B
.90
H20
6
1/4
.47
.54
R64663B
1.18
H20
6
5/16
.63
.54
R64661B
1.26
H20
6
3/8
.63
.54
R64662B
1.26
H20
4
1/4
.56
.50
R5023B
1.25
H20
4
5/16
.66
.50
R5018B
1.30
H20
4
3/8
.66
.50
R5019B
1.30
H20
2
1/4
.70
.60
R8027B
1.50
H20
2
5/16
.70
.60
R8028B
1.50
H20
Operating conditions in this maximum temperature range calls for
650
°F (343°C) terminals and splices. Both terminals and splices
are constructed of nickel-plated copper. The terminals are available
in two barrel styles: the Brazed Barrel seam and the Insulation
Grip, which includes a wire insulation support sleeve made of
copper with a bright nickel plating.
2
3/8
.70
.60
R8029B
1.50
H20
900°F (483°C)
900
°F terminals are made of a Nickel-Plated Steel Alloy.
NIT
Basic Dimensions
Non-Insulated
Wire Size
Stud
Size
Max. Width
W (In.)
Min. Clearance
C (In.)
NIT
Max Length
L (In.)
Hand
Tool
22-16
10*
.31
.32
R4273S
●
.65
H16HT
16-14
10*
.31
.28
R4303S
●
.62
H16HT
12-10
10*
.37
.28
R3423
●
.74
H16HT
8
10*
.38
.39
R3557
.90
H20
6
1/4
.47
.54
R64682
1.18
H20
6
1/4
.63
.54
R64681
1.26
H20
6
5/16
.63
.54
R64680
1.26
H20
6
3/8
.63
.54
R64683
1.26
H20
4
1/4
.56
.50
R5216
1.25
H20
4
5/16
.66
.50
R5217
1.30
H20
4
3/8
.66
.50
R5218
1.30
H20
2
1/4
.70
.60
R8039
1.50
H20
2
5/16
.70
.60
R8040
1.50
H20
Hollingsworth also offers a line of terminals designed to perform
satisfactorily in ambient operating temperature ranges to 900
°F
(483
°C). These nickel-plated, steel alloy products are available in
the butted seam, barrel style. Ring tongue terminals cover the 22
through 2 AWG wire ranges to provide reliable performance time
after time even in these hostile temperature environments.
2
3/8
.70
.60
R8041
1.50
H20
1200°F (649°C)
1200
°F Terminals are pure Nickel.
NIT
NIT Brazed
Basic Dimensions
Non-Insulated
Wire Size
Stud
Size
Max.
Width
W (In.)
Min.
Clearance C
(In.)
NIT
Max Length
L (In.)
Hand
Tool
NIT Brazed
Max
Length
L (In.)
Hand Tool
22-16
10*
.31
.32
R4530S
.65
H16HT R4530SB
.65
H16HT
16-14
10*
.31
.28
R4537S
.62
H16HT R4537SB
.62
H16HT
12-10
10*
.37
.28
R3535
.74
H16HT R3535B
.74
H16HT
8
10*
.38
.39
R3563
.90
H20
R3563B
.90
H20
6
1/4
.47
.54
R64684
1.18
H20
R64684B
1.18
H20
6
5/16
.63
.54
R64685
1.26
H20
R64685B
1.26
H20
6
3/8
.63
.54
R64686
1.26
H20
R64686B
1.26
H20
4
1/4
.56
.50
R5219
1.25
H20
R5219B
1.25
H20
4
5/16
.66
.50
R5220
1.30
H20
R5220B
1.30
H20
4
3/8
.66
.50
R5221
1.30
H20
R5221B
1.30
H20
2
1/4
.70
.60
R8042
1.50
H20
R8042B
1.50
H20
2
5/16
.70
.60
R8043
1.50
H20
R8043B
1.50
H20
The ultimate in thermal reliability is afforded by the 1200
°F (649°C).
The ring tongue terminals, which are fabricated from pure nickel,
cover the 22 through 2 AWG wire range. The terminals have either
the butted seam barrel or the brazed barrel style.
2
3/8
.70
.60
R8044
1.50
H20
R8044B
1.50
H20
66
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com
y
● CSA Listed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com