Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4105SB Datasheet(PDF) 20 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 20 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 16Page - Hollingsworth R4105SB Datasheet HTML 17Page - Hollingsworth R4105SB Datasheet HTML 18Page - Hollingsworth R4105SB Datasheet HTML 19Page - Hollingsworth R4105SB Datasheet HTML 20Page - Hollingsworth R4105SB Datasheet HTML 21Page - Hollingsworth R4105SB Datasheet HTML 22Page - Hollingsworth R4105SB Datasheet HTML 23Page - Hollingsworth R4105SB Datasheet HTML 24Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
4 Rings
CMA Range 33,100-52,600 Barrel Inside Diameter .287"/ 7.29 mm
Material: COPPER Thickness: .068" /1.73 mm
Insulated (Yellow Vinyl)
Insulated (Yellow Nylon)
Insulation Diameter
Insulation Diameter
Basic Dimensions
Non-Insulated
.420" / 10.66 mm
.515" / 13.08 mm
.515" / 13.08 mm
Stud W
W
C
C
NIT
E
E
L
L
E
E
L
L
FIT
Funnel
E
E
L
L
Size In.
mm
In.
mm
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
Flared
FIT
In.
mm
In.
mm
10
.56 14.22 .50 12.70 R5000B
.97 24.64 1.25 31.35 R5100B
1.47 37.34 1.75 44.45 R5100BF
R5100BFN
1.51 38.35 1.79 45.47
10
.66 16.76 .50 12.70 R5013B
.97 24.64 1.30 33.02 R5128B
1.48 37.59 1.81 45.97 R5128BF
R5128BFN
1.51 38.35 1.84 46.74
1/4
.56 14.22 .50 12.70 R5001B
.97 24.64 1.24 31.50 R5101B
1.47 37.34 1.75 44.45 R5101BF
R5101BFN
1.51 38.35 1.79 45.47
1/4
.66 16.76 .50 12.70 R5006B
.97 24.64 1.30 33.02 R5127B
1.48 37.59 1.81 45.97 R5127BF
R5127BFN
1.51 38.35 1.84 46.74
5/16 .66 16.76 .50 12.70 R5002B
.97 24.64 1.30 33.02 R5102B
1.48 37.59 1.81 45.97 R5102BF
R5102BFN
1.51 38.35 1.84 46.74
3/8
.66 16.76 .50 12.70 R5003B
.97 24.64 1.30 33.02 R5103B
1.48 37.59 1.81 45.97 R5103BF
R5103BFN
1.51 38.35 1.84 46.74
3/8
.88 22.35 1.00 25.40 R5028B
1.46 37.08 1.90 48.26 R5138B
1.98 50.29 2.41 61.21 R5138BF
R5138BFN
2.01 51.05 2.45 62.23
7/16 .66 16.76 .50 12.70 R5004B
.97 24.64 1.30 33.02 R5104B
1.48 37.59 1.81 45.97 R5104BF
R5104BFN
1.51 38.35 1.84 46.74
1/2
.88 22.35 1.00 25.40 R5007B
1.46 37.08 1.90 48.26 R5122B
1.98 50.29 2.41 61.21 R5122BF
R5122BFN
2.01 51.05 2.45 62.23
1/2 1.25 31.75 1.00 25.40 R5012B
1.46 37.08 2.10 53.34 R5126B
1.98 50.29 2.60 66.04 R5126BF
R5126BFN
2.01 51.05 2.64 67.06
5/8
.88 22.35 1.00 25.40 R5030B
1.46 37.08 1.90 48.26 R5123B
1.98 50.29 2.41 61.21 R5123BF
R5123BFN
2.01 51.05 2.45 62.23
5/8 1.25 31.75 1.00 25.40 R5010B
1.46 37.08 2.10 53.34 R5124B
1.98 50.29 2.60 66.04 R5124BF
R5124BFN
2.01 51.05 2.64 67.06
Hand Tool
H20
H20
H20
H20
zy
zy
N*
zy
zy
2 Rings
CMA Range 52,600-83,700 Barrel Inside Diameter .355"/9.02 mm
Material: COPPER Thickness: .078" / 1.98 mm
Insulated (Red Vinyl)
Insulated (Red Nylon)
Insulation Diameter
Insulation Diameter
Basic Dimensions
Non-Insulated
.517" / 13.13 mm
.650" / 16.51 mm
.650" / 16.51 mm
Stud W
W
C
C
NIT
E
E
L
L
E
E
L
L
FIT
Funnel
E
E
L
L
Size In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm Flared
FIT
In.
mm
In.
mm
10
.60 15.24 .60 15.24 R7999B
1.15 29.21 1.45 36.83 R7998B
1.67 42.42 1.97 50.04 R7998BF
R7998BFN
1.78 45.21 2.08 52.83
10
.81 20.57 .60 15.24 R7994B
1.15 29.21 1.55 39.37 R7995B
1.67 42.42 2.07 52.58 R7995BF
R7995BFN
1.78 45.21 2.18 55.37
1/4
.60 15.24 .60 15.24 R8000B
1.15 29.21 1.45 36.83 R8100B
1.67 42.42 1.97 50.04 R8100BF
R8100BFN
1.78 45.21 2.08 52.83
1/4
.70 17.78 .60 15.24 R8001B
1.15 29.21 1.50 38.10 R8101B
1.67 42.42 2.02 51.31 R8101BF
R8101BFN
1.78 45.21 2.13 54.10
1/4
.81 20.57 .60 15.24 R8017B
1.15 29.21 1.55 39.37 R8108B
1.67 42.42 2.07 52.58 R8108BF
R8108BFN
1.78 45.21 2.18 55.37
5/16 .70 17.78 .60 15.24 R8002B
1.15 29.21 1.50 38.10 R8102B
1.67 42.42 2.02 51.31 R8102BF
R8102BFN
1.78 45.21 2.13 54.10
3/8
.70 17.78 .60 15.24 R8003B
1.15 29.21 1.50 38.10 R8103B
1.67 42.42 2.02 51.31 R8103BF
R8103BFN
1.78 45.21 2.13 54.10
3/8
.81 20.57 .60 15.24 R8016B
1.15 29.21 1.55 39.37 R8112B
1.67 42.42 2.07 52.58 R8112BF
R8112BFN
1.78 45.21 2.18 55.37
7/16 .81 20.57 .60 15.24 R8005B
1.15 29.21 1.55 39.37 R8105B
1.67 42.42 2.07 52.58 R8105BF
R8105BFN
1.78 45.21 2.18 55.37
`1/2 .81 20.57 .60 15.24 R8004B
1.15 29.21 1.55 39.37 R8104B
1.67 42.42 2.07 52.58 R8104BF
R8104BFN
1.78 45.21 2.18 55.37
Hand Tool
H20
H20
H20
H20
N*
1 Rings – Special Order
CMA Range 83,100-105,600
Barrel Inside Dia. .355"/9.02 mm
Max Wire Dia. .380” / 9.65mm
Material: COPPER Thickness: .060" / 1.52 mm
Insulated (White Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.590" / 14.99 mm
Stud W
W
R
R
NIT
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In.
mm Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm
1/4
.71 18.03 .58 14.73 R8400B
1.49 37.85 1.84 46.74 R8450BFN
2.14
54.36
2.49
63.25
1/4
.88 22.35 .58 14.73 R8211B
1.49 37.85 1.93 49.02 R8311BFN
2.14
54.36
2.58
65.53
N* Items on this page are also
available in nylon. To order, add
N suffix to catalog number.
Example: R7998BN
5/16 .71 18.03 .58 14.73 R8401B
1.49 37.85 1.84 46.74 R8451BFN
2.14
54.36
2.49
63.25
5/16 .88 22.35 .58 14.73 R8212B
1.49 37.85 1.93 49.02 R8312BFN
2.14
54.36
2.58
65.53
3/8
.71 18.03 .58 14.73 R8402B
1.49 37.85 1.84 46.74 R8452BFN
2.14
54.36
2.49
63.25
3/8
.88 22.35 .58 14.73 R8213B
1.49 37.85 1.93 49.02 R8313BFN
2.14
54.36
2.58
65.53
7/16 .71 18.03 .58 14.73 R8403B
1.49 37.85 1.84 46.74 R8453BFN
2.14
54.36
2.49
63.25
7/16 .88 22.35 .58 14.73 R8214B
1.49 37.85 1.93 49.02 R8314BFN
2.14
54.36
2.58
65.53
1/2
.71 18.03 .58 14.73 R8404B
1.49 37.85 1.84 46.74 R8454BFN
2.14
54.36
2.49
63.25
1/2
.88 22.35 .58 14.73 R8215B
1.49 37.85 1.93 49.02 R8315BFN
2.14
54.36
2.58
65.53
Hand Tool
H30/H40
H30/H40
70
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com