Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N3.512 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 16Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 17Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 18Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 19Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 20Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 21Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 22Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 23Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
20 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.5.4 Distortion clip detection
If the amplifier output starts clipping at the supply voltage or ground, the output signal
becomes distorted. If the distortion per channel exceeds a selectable threshold (2 %, 5 %
or 10 %), either pin DIAG or pin STB is activated. To be able to detect if, for instance, the
front channels (channels 1 and 3) or rear channels (channels 2 and 4) are clipping, the
clip information per channel can be directed to either pin DIAG or pin STB.
It is possible to only have the clip information on the diagnostic pins by disabling the
temperature- and load information on pin DIAG. The temperature and load protection are
still functional but can only be read via the I2C-bus.
The clip detection level can be programmed via the I2C-bus. The clip information is
blocked below a supply voltage of 10 V to avoid false clip detection during engine start, or
can be programmed to operate at the low voltage detection level of 7.5 V or 6 V.
Since it is possible to have different amplifier gain settings between the front and rear
channels and there is only one clip reference current, the clip detect levels are only
accurate for the channels with the highest gain. In line driver mode the DC-output voltage
is 0.23VP and clip detection will still indicate a clip, but the levels will not be accurate.
7.6 Line driver mode and low gain mode
The TDF8541 can be used as a line driver or as a low gain amplifier. In both situations, the
gain needs to be set to 16 dB via the I2C-bus (IB3[D5:D6] and can be independently set
for the front (channels 1 and 3) and rear (channels 2 and 4). The main difference between
line driver mode and low gain mode is the DC output voltage.
In line driver mode the TDF8541 is used to drive a separate amplifier or booster. In this
mode the DC output voltage is set to 0.23
 battery voltage and is filtered with the
capacitor connected to pin SVR (same as VSVR). The reason not to set the DC output
voltage to half the battery voltage is to allow engine starts at a battery voltage as low as
6 V. The DC output voltage remains approximately 3 V during engine start. If the DC
output voltage is set to half the battery voltage, with an engine start the common mode
voltage will change quickly from 7 V to 3 V. This drives the input stage of the booster
below the ground level.
If the TDF8541 is used as a low gain amplifier in a booster, the DC output voltage is set to
half of the supply voltage to ensure maximum undistorted output power.
The line driver and low gain modes can be selected with I2C-bus bit IB4[D2].
[1]
X = neither mode selected.
Table 7.
DC output voltage as a function of different gain settings
Channels 1 and 3
gain setting (dB)
Channels 2 and 4
gain setting (dB)
Line driver/low gain
mode IB4[D2][1]
All channels DC
output voltage (V)
26
26
X
0.5VP
16
26
X
0.5VP
26
16
X
0.5VP
16
16
low gain mode
0.5VP
16
16
line driver mode
0.23VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com