Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N3.512 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 31Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 32Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 36Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 37Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 38Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
35 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
t(start-Vo(off))
engine start to output off
time
VP from 14.4 V to 5 V in 1.5 ms;
Vo <0.5 V; see Figure 6
-0.1
1
ms
t(start-SVRoff)
engine start to SVR off time VP from 14.4 V to 5 V in 1.5 ms;
VSVR < 0.7 V; see Figure 6
-
4075ms
I2C-bus interface[3]
VIL
LOW-level input voltage
pins SCL and SDA
-
-
1.5
V
VIH
HIGH-level input voltage
pins SCL and SDA
2.3
5.5
V
VOL
LOW-level output voltage
pin SDA; IL = 5 mA
-
-
0.4
V
fSCL
SCL clock frequency
-
400
-
kHz
VADSEL
voltage on pin ADSEL
I2C-bus address
A[6:0] = 1101 101
RADSEL = 0 
45
11
V
RseriesADSEL = 100 k
--
VP
V
II(ADSEL)
input current on pin ADSEL VSTB =5V; VADSEL =5V
-
2
10
A
RADSEL
resistance on pin ADSEL
I2C-bus address
A[6:0] = 1101 110
99
100
101
k
I2C-bus address
A[6:0] = 1101 111
29.7
30
30.3
k
I2C-bus address
A[6:0] = 1101 010
9.9
10
10.1
k
legacy mode
-
-
0.47
k
VP(latch)
latch supply voltage
will not react to address selection
changes
6V
Start-up diagnostics
tsudiag
start-up diagnostic time
from start-up diagnostic
command via I2C-bus until
completion of start-up diagnostic;
VO + < 0.1 V; VO  < 0.1 V (no
load) IB1[D1] = 1; see Figure 12
50
130
250
ms
td(sudiag-on)
start-up diagnostic to on
delay time
at 90 % of output signal;
IB1[D0:D1] = 11; see Figure 12
-680
-
ms
Voffset
offset voltage
startup diagnostic offset voltage
under no load condition
1.32
2.5V
RLdet(sudiag)
start-up diagnostic load
detection resistance
VP = 14.4 V
shorted load:
high gain; IB3[D6:D5] = 00
-
-
0.5
low gain; IB3[D6:D5] = 11
-
-
1.5
normal load:
high gain (IB3[D6:D5] = 00)
1.5
-
20
low gain (IB3[D6:D5] = 11)
3.2
-
20
line driver load
80
-
200
open load
400
-
-
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com