Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N3.512 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 40Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 41Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 42Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 43Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 44Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 45Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 46Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 47Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
44 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
13. Application information
(1) The SVR and ACGND capacitors and the RADSEL resistor must be connected to pin SGND before they are connected to pin
PGNDn; the ACGND capacitor value must be close to 4
 the input capacitor value. 4  470 nF capacitors can be used as an
alternative to the 2.2
F capacitor shown.
(2) For EMC reasons, a 10 nF capacitor can be connected between each amplifier output and ground.
Fig 29. Test and application diagram
26 dB/
16 dB
26 dB/
16 dB
26 dB/
16 dB
26 dB/
16 dB
001aan095
STANDBY/
FAST MUTE
I2C-BUS
SDA
SCL
VP1
VP2
ADSEL
SELECT
DIAGNOSTIC/
CLIP DETECT
ENGINE START
PROTECTION
STB
IN3
IN1
IN4
IN2
DIAG
+5 V
OUT3+
OUT3-
OUT1+
OUT1-
OUT4+
OUT4-
OUT2+
OUT2-
MUTE
MUTE
MUTE
MUTE
TAB
ACGND
SGND
SVR
2.2 μF(1)
10 μF(1)
PGND1
11 (24)
13 (26)
15 (28)
12 (25)
16 (29)
2 (11)
1 (10) 26 (8) 23 (7)
21 (3)
7 (16)
10 kΩ
10 kΩ
RADSEL(1)
5 (9)
18 (2)
20 (1)
10 (17)
8 (18)
6 (13)
4 (15)
27 (36)
22 (6)
24 (4)
14 (27)
17 (30)
9 (23)
3 (14)
19 (32)
25 (5)
PGND2
PGND3
PGND4
VP
TDF8541
Rs
470 nF
Rs
470 nF
Rs
470 nF
Rs
470 nF
PROTECTION/
DIAGNOSTIC
PROTECTION/
DIAGNOSTIC
PROTECTION/
DIAGNOSTIC
PROTECTION/
DIAGNOSTIC
(2)
(2)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com