Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N3.512 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 18Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 19Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 20Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 21Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 22Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 23Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 24Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 25Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
22 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Cleared after read means that the I2C-bus bits are cleared after a read command. The
Clear command is done only if all five data bytes are read. If only four data bytes are read,
the I2C-bus latches are not cleared and the old value remains in the latches.
When selected, pin DIAG gives actual diagnostic information. If a failure is removed,
pin DIAG is released instantly, independently of the I2C-bus latches.
7.8 Amplifier combined with a DC-to-DC converter
The TDF8541 can be used in combination with a DC-DC up-converter as the supply for
the amplifier (connected to VP). If the DC-DC converter output voltage is controlled with
the audio signal, the amplifier’s dissipation can be reduced at lower output powers. To
ensure that the amplifier can follow supply voltage variations, the supply voltage ripple
capacitor connected to pin SVR, to filter the amplifier’s common mode output voltage,
must be disconnected internally. The SVR capacitor is still used to determine the DC input
voltage. If I2C-bus bit IB4[D7] = 1, the common mode output voltage directly follows the
supply voltage variations.
8.
I2C-bus specification
Table 8.
TDF8541 hardware address select
Pin ADSEL
A6
A5
A4
A3
A2
A1
A0
R/W
Hex
Remark
Open
1
1011
000 = write to TDF8541;
1 = read from TDF8541
D8
reserved;
instruction and
data bytes
have other
meaning
100 k
 1%
1
0
DC
-
30 k
  1%
1
1
DE
-
10 k
  1%
0
1
0
D4
-
Voltage > 4 V
1
0
1
DA
-
Ground
no I2C-bus; legacy mode
-
Fig 16. Definition of START and STOP conditions
001aam703
SDA
SCL
P
STOP condition
S
START condition
SDA changes when SCL is HIGH:
start
− or stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com