Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CPZ-R21 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2211CPZ-R21
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CPZ-R21 Datasheet(HTML) 3 Page - Analog Devices

  SSM2211CPZ-R21 Datasheet HTML 1Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 2Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 3Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 4Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 5Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SSM2211
Rev. D | Page 3 of 24
ELECTRICAL CHARACTERISTICS
VS = 5.0 V, TA = 25°C, RL = 8 Ω, CB = 0.1 μF, VCM = VD/2, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL CHARACTERISTICS
Differential Output Offset Voltage
VOOS
AVD = 2, –40°C ≤ TA ≤ +85°C
4
50
mV
Output Impedance
ZOUT
0.1
Ω
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY = < 100 mA
3.0
V
Input Voltage Low
VIL
ISY = normal
1.3
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.75 V to 5.25 V
66
dB
Supply Current
ISY
VO1 = VO2 = 2.5 V, –40°C ≤ TA ≤ +85°C
9.5
20
mA
Supply Current, Shutdown Mode
ISD
Pin 1 = VDD (see Figure 32), –40°C < TA < +85°C
0.1
1
μA
DYNAMIC PERFORMANCE
Gain Bandwidth
GBP
4
MHz
Phase Margin
ΦM
86
Degrees
AUDIO PERFORMANCE
Total Harmonic Distortion
THD + N
P = 0.5 W into 8
Ω, f = 1 kHz
0.15
%
Total Harmonic Distortion
THD + N
P = 1.0 W into 8
Ω, f = 1 kHz
0.2
%
Voltage Noise Density
en
f = 1 kHz
85
nV
√Hz
VS = 3.3 V, TA = 25°C, RL = 8 Ω, CB = 0.1 μF, VCM = VD/2, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL CHARACTERISTICS
Differential Output Offset Voltage
VOOS
AVD = 2, –40°C ≤ TA ≤ +85°C
5
50
mV
Output Impedance
ZOUT
0.1
Ω
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY = < 100 μA
1.7
V
Input Voltage Low
VIL
ISY = normal
1
V
POWER SUPPLY
Supply Current
ISY
VO1 = VO2 = 1.65 V, –40°C ≤ TA ≤ +85°C
5.2
20
mA
Supply Current, Shutdown Mode
ISD
Pin 1 = VDD (see Figure 32), –40°C ≤ TA ≤ +85°C
0.1
1
μA
AUDIO PERFORMANCE
Total Harmonic Distortion
THD + N
P = 0.35 W into 8
Ω, f = 1 kHz
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com