Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CPZ-R21 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2211CPZ-R21
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CPZ-R21 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2211CPZ-R21 Datasheet HTML 2Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 3Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 4Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 5Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 9Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SSM2211
Rev. D | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SHUTDOWN 1
BYPASS 2
IN+ 3
IN– 4
VOUTB
8
V–
7
V+
6
VOUTA
5
SSM2211
TOP VIEW
(Not to Scale)
1
SHUTDOWN
2
BYPASS
3
IN+
4
IN–
7V–
8VOUTB
6V+
5VOUTA
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
SSM2211
Figure 2. 8-Lead SOIC_N Pin Configuration (R-8)
Figure 3. 8-Lead LFCSP_VD Pin Configuration (CP-8-2)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SHUTDOWN
Shutdown Enable.
2
BYPASS
Bypass Capacitor.
3
IN+
Noninverting Input.
4
IN–
Inverting Input.
5
VOUTA
Output A.
6
V+
Positive Supply.
7
V–
Negative Supply.
8
VOUTB
Output B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com