Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CPZ-R21 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2211CPZ-R21
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CPZ-R21 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2211CPZ-R21 Datasheet HTML 4Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 5Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 9Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 10Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 11Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SSM2211
Rev. D | Page 8 of 24
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20Hz
CB = 0.1μF
Figure 10. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 1kHz
CB = 0.1μF
Figure 11. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
VDD = 5V
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20kHz
CB = 0.1μF
Figure 12. THD + N vs. POUTPUT
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8Ω
PL = 350mW
Figure 13. THD + N vs. Frequency
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 10 (BTL)
RL = 8Ω
PL = 350mW
Figure 14. THD + N vs. Frequency
FREQUENCY (Hz)
10
1
0.01
20
100
20k
1k
10k
0.1
CB = 0.1μF
CB = 1μF
TA = 25°C
VDD = 3.3V
AVD = 20 (BTL)
RL = 8Ω
PL = 350mW
Figure 15. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com