Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CPZ-R21 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM2211CPZ-R21
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CPZ-R21 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM2211CPZ-R21 Datasheet HTML 14Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 15Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 16Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 17Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 18Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 19Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 20Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 21Page - Analog Devices SSM2211CPZ-R21 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SSM2211
Rev. D | Page 18 of 24
The input signal to the SSM2211 is also connected to the non-
inverting terminal of A2. R1, R2, and R3 set the threshold
voltage at which the SSM2211 is to be taken out of shutdown
mode. D1 half-wave rectifies the output of A2, discharging C1
to ground when an input signal greater than the set threshold
voltage is detected. R4 controls the charge time of C1, which
sets the time until the SSM2211 is put back into shutdown
mode after the input signal is no longer detected.
R5 and R6 are used to establish a voltage reference point equal
to half of the supply voltage. R7 and R8 set the gain of the
SSM2211. A 1N914 or equivalent diode is required for D1, and
A2 must be a rail-to-rail output amplifier, such as OP181 or
equivalent. This ensures that C1 discharges sufficiently to bring
the SSM2211 out of shutdown mode.
To find the appropriate component values, first, the gain of A2
must be determined by
THS
SY
MIN
V,
V
V
A
=
(12)
where:
VSY is the single supply voltage.
VTHS is the threshold voltage.
AV must be set to a minimum of 2 for the circuit to work
properly.
Next, choose R1 and set R2 to
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
V
A
R1
R2
2
1
(13)
Find R3 as
(
1
−
+
×
=
V
A
R2
R2
R2
R1
R3
)
(14)
C1 can be arbitrarily set but should be small enough to prevent
A2 from becoming capacitively overloaded. R4 and C1 control
the shutdown rate. To prevent intermittent shutdown with low
frequency input signals, the minimum time constant must be
LOW
f
C1
R4
10
≥
×
(15)
where fLOW is the lowest input frequency expected.
SHUTDOWN-CIRCUIT DESIGN EXAMPLE
In this example, a portable radio application requires the
SSM2211 to be turned on when an input signal greater than
50 mV is detected. The device needs to return to shutdown mode
within 500 ms after the input signal is no longer detected. The
lowest frequency of interest is 200 Hz, and a 5 V supply is used.
The minimum gain of the shutdown circuit, from Equation 12,
is AV = 100. R1 is set to 100 kΩ. Using Equation 13 and
Equation 14, R2 = 98 kΩ and R3 = 4.9 MΩ. C1 is set to 0.01 μF,
and based on Equation 15, R4 is set to 10 MΩ . To minimize
power supply current, R5 and R6 are set to 10 MΩ. The
previous procedure provides an adequate starting point for the
shutdown circuit. Some component values may need to be
adjusted empirically to optimize performance.
START-UP POPPING NOISE
During power-up or release from shutdown mode, the midrail
bypass capacitor, CB, determines the rate at which the SSM2211
starts up. By adjusting the charging time constant of CB, the
start-up pop noise can be pushed into the subaudible range,
greatly reducing start-up popping noise. On power-up, the
midrail bypass capacitor is charged through an effective
resistance of 25 kΩ. To minimize start-up popping, the charging
time constant for CB needs to be greater than the charging time
constant for the input coupling capacitor, CC.
CB × 25 kΩ > CC × R1
(16)
For an application where R1 = 10 kΩ and CC = 0.22 μF, CB must
be at least 0.1 μF to minimize start-up popping noise.
SSM2211 Amplifier Design Example
Maximum Output Power
1 W
Input Impedance
20 kΩ
Load Impedance
8 Ω
Input Level
1 V rms
Bandwidth
20 Hz − 20 kHz ± 0.25 dB
The configuration shown in Figure 42 is used. The first thing to
determine is the minimum supply rail necessary to obtain the
specified maximum output power. From Figure 46, for 1 W of
output power into an 8 Ω load, the supply voltage must be at
least 4.6 V. A supply rail of 5 V can be easily obtained from a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com