Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 101Page - Microchip Technology PIC16F-E/P Datasheet HTML 102Page - Microchip Technology PIC16F-E/P Datasheet HTML 103Page - Microchip Technology PIC16F-E/P Datasheet HTML 104Page - Microchip Technology PIC16F-E/P Datasheet HTML 105Page - Microchip Technology PIC16F-E/P Datasheet HTML 106Page - Microchip Technology PIC16F-E/P Datasheet HTML 107Page - Microchip Technology PIC16F-E/P Datasheet HTML 108Page - Microchip Technology PIC16F-E/P Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 103
PIC16F627A/628A/648A
TABLE 14-5:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT RESET
TABLE 14-6:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
Resets(1)
03h, 83h,
103h, 183h
STATUS
IRP
RP1
RPO
TO
PD
Z
DC
C
0001 1xxx
000q quuu
8Eh
PCON
—
—
—
—
OSCF
—POR
BOR
---- 1-0x
---- u-uq
Legend:
x
= unknown, u = unchanged, - = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by Brown-out Reset.
Note
1:
Other (non Power-up) Resets include MCLR Reset, Brown-out Reset and Watchdog Timer Reset during normal operation.
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- 1-0x
MCLR Reset during normal operation
000h
000u uuuu
---- 1-uu
MCLR Reset during Sleep
000h
0001 0uuu
---- 1-uu
WDT Reset
000h
0000 uuuu
---- 1-uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- u-uu
Brown-out Reset
000h
000x xuuu
---- 1-u0
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- u-uu
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note
1:
When the wake-up is due to an interrupt and global enable bit, GIE is set, the PC is loaded with the interrupt vector
(0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com