Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 104Page - Microchip Technology PIC16F-E/P Datasheet HTML 105Page - Microchip Technology PIC16F-E/P Datasheet HTML 106Page - Microchip Technology PIC16F-E/P Datasheet HTML 107Page - Microchip Technology PIC16F-E/P Datasheet HTML 108Page - Microchip Technology PIC16F-E/P Datasheet HTML 109Page - Microchip Technology PIC16F-E/P Datasheet HTML 110Page - Microchip Technology PIC16F-E/P Datasheet HTML 111Page - Microchip Technology PIC16F-E/P Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 106
© 2007 Microchip Technology Inc.
FIGURE 14-11:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
FIGURE 14-12:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 14-13:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
Note
1:
External Power-on Reset circuit is required
only if VDD power-up slope is too slow. The
diode D helps discharge the capacitor
quickly when VDD powers down.
2:
R < 40 k
Ω is recommended to make sure
that voltage drop across R does not violate
the device’s electrical specification.
3:
R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor
C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge (ESD)
or Electrical Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC16F627A/628A/648A
VDD
Note
1:
This circuit will activate Reset when VDD
goes below (Vz + 0.7V) where Vz = Zener
voltage.
2: Internal Brown-out Reset circuitry should
be disabled when using this circuit.
VDD
33k
10k
40k
VDD
MCLR
PIC16F627A/628A/648A
x
R1
R1 + R2
= 0.7 V
VDD
R2
40k
VDD
MCLR
PIC16F627A/628A/648A
R1
Q1
Note
1: This brown-out circuit is less expensive,
albeit less accurate. Transistor Q1 turns off
when VDD is below a certain level such that:
2: Internal Brown-out Reset should be
disabled when using this circuit.
3: Resistors should be adjusted for the
characteristics of the transistor.
VDD x
R1
R1 + R2
= 0.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com