Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 142Page - Microchip Technology PIC16F-E/P Datasheet HTML 143Page - Microchip Technology PIC16F-E/P Datasheet HTML 144Page - Microchip Technology PIC16F-E/P Datasheet HTML 145Page - Microchip Technology PIC16F-E/P Datasheet HTML 146Page - Microchip Technology PIC16F-E/P Datasheet HTML 147Page - Microchip Technology PIC16F-E/P Datasheet HTML 148Page - Microchip Technology PIC16F-E/P Datasheet HTML 149Page - Microchip Technology PIC16F-E/P Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 144
© 2007 Microchip Technology Inc.
TABLE 17-6:
CLKOUT AND I/O TIMING REQUIREMENTS
FIGURE 17-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
10
TOSH2CKLOSC1
↑ to CLKOUT↓
PIC16F62XA
—75
200*
ns
10A
PIC16LF62XA
—
—
400*
ns
11
TOSH2CKHOSC1
↑ to CLKOUT↑
PIC16F62XA
—
75
200*
ns
11A
PIC16LF62XA
—
—
400*
ns
12
TCKR
CLKOUT rise time
PIC16F62XA
—
35
100*
ns
12A
PIC16LF62XA
—
—
200*
ns
13
TCKF
CLKOUT fall time
PIC16F62XA
—
35
100*
ns
13A
PIC16LF62XA
—
—
200*
ns
14
TCKL2IOVCLKOUT
↓ to Port out valid
—
—
20*
ns
15
TIOV2CKH
Port in valid before CLKOUT
↑
PIC16F62XA
TOSC+200 ns*
—
—
ns
PIC16LF62XA
TOSC+400 ns*
—
—
ns
16
TCKH2IOI
Port in hold after CLKOUT
↑
0
—
—
ns
17
TOSH2IOVOSC1
↑ (Q1 cycle) to
PIC16F62XA
—
50
150*
ns
Port out valid
PIC16LF62XA
—
—
300*
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
100*
200*
——
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VDD
MCLR
Internal
POR
PWRT
Time out
OST
Time out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O Pins
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com