Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 144Page - Microchip Technology PIC16F-E/P Datasheet HTML 145Page - Microchip Technology PIC16F-E/P Datasheet HTML 146Page - Microchip Technology PIC16F-E/P Datasheet HTML 147Page - Microchip Technology PIC16F-E/P Datasheet HTML 148Page - Microchip Technology PIC16F-E/P Datasheet HTML 149Page - Microchip Technology PIC16F-E/P Datasheet HTML 150Page - Microchip Technology PIC16F-E/P Datasheet HTML 151Page - Microchip Technology PIC16F-E/P Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 146
© 2007 Microchip Technology Inc.
TABLE 17-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max Units Conditions
40
TT0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
41
TT0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
42
TT0P
T0CKI Period
20 or
Greater of:
TCY + 40*
N
—
—
ns
N = prescale
value (2, 4,
..., 256)
45
TT1H
T1CKI High
Time
Synchronous, No Prescaler
0.5TCY + 20*
—
—
ns
Synchronous,
with Prescaler
PIC16F62XA
15*
—
—
ns
PIC16LF62XA
25*
—
—
ns
Asynchronous PIC16F62XA
30*
—
—
ns
PIC16LF62XA
50*
—
—
ns
46
TT1L
T1CKI Low
Time
Synchronous, No Prescaler
0.5TCY + 20*
—
—
ns
Synchronous,
with Prescaler
PIC16F62XA
15*
—
—
ns
PIC16LF62XA
25*
—
—
ns
Asynchronous PIC16F62XA
30*
—
—
ns
PIC16LF62XA
50*
—
—
ns
47
TT1P
T1CKI input
period
Synchronous PIC16F62XA
20 or
Greater of:
TCY + 40*
N
—
—
ns
N = prescale
value (1, 2,
4, 8)
PIC16LF62XA
20 or
Greater of:
TCY + 40*
N
——
—
Asynchronous PIC16F62XA
60*
—
—
ns
PIC16LF62XA
100*
—
—
ns
FT1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit
T1OSCEN)
—32.7(1)
—kHz
48
TCKEZTMR1 Delay from external clock edge to timer
increment
2TOSC
—7TOSC
—
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This oscillator is intended to work only with 32.768 kHz watch crystals and their manufactured tolerances.
Higher value crystal frequencies may not be compatible with this crystal driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com