Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM442 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM442
Description  STROM-WANDLER-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM442 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM442 Datasheet HTML 1Page - Analog Microelectronics AM442 Datasheet HTML 2Page - Analog Microelectronics AM442 Datasheet HTML 3Page - Analog Microelectronics AM442 Datasheet HTML 4Page - Analog Microelectronics AM442 Datasheet HTML 5Page - Analog Microelectronics AM442 Datasheet HTML 6Page - Analog Microelectronics AM442 Datasheet HTML 7Page - Analog Microelectronics AM442 Datasheet HTML 8Page - Analog Microelectronics AM442 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STROM–WANDLER–IC
AM442
analog microelectronics
August 2001
2/9
ELEKTRISCHE SPEZIFIKATIONEN
Tamb = 25°C, VCC = 24V, VREF = 5V, IREF = 1mA (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range
VCC
635
V
Quiescent Current
ICC
Tamb = – 40...+85°C, IREF = 0mA
1.5
mA
Temperature Specifications
Operating
Tamb
–40
85
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θ
ja
DIL16 plastic package
70
°C/W
Θ
ja
SO16 narrow plastic package
140
°C/W
Voltage Reference
Voltage
VREF
VSET not connected
4.75
5.00
5.25
V
VREF
VSET = GND, VCC ≥ 11V
9.5
10.0
10.5
V
Trim Range
VR10
4.5
VR10
V
Current
IREF*0
10
mA
VREF vs. Temperature
dVREF/dTTamb = – 40...+85°C
±
90
±
140
ppm/°C
Line Regulation
dVREF/dVVCC = 6V...35V
30
80
ppm/V
dVREF/dV
VCC = 6V...35V, IREF ≈ 5mA
60
150
ppm/V
Load Regulation
dVREF/dI
0.05
0.10
%/mA
dVREF/dI
IREF ≈ 5mA
0.06
0.15
%/mA
Load Capacitance
CL
1.9
2.2
5.0
µF
Current/Voltage Source
Internal Reference
VBG
1.20
1.27
1.35
V
VBG vs. Temperature
dVBG/dTTamb = – 40...+85°C
±
60
±
140
ppm/°C
Current Source: ICV = VBG/REXT
Adjustable Current Range
ICV*0
10
mA
Output Voltage
VCV
VCC < 19V
VBG
VCC – 5
V
VCV
VCC ≥ 19V
VBG
14
V
Voltage Source: VCV = VBG (REXT1 + REXT2) / REXT2
Adjustable Voltage Range
VCV
VCC < 19V
0.4
VCC – 5
V
VCV
VCC ≥ 19V
0.4
14
V
Output Current
ICV*Source
10
mA
ICV
Sink
–100
µA
Load Capacitance
CL
Source mode
0
1
10
nF
SET Stage
Internal Gain
GSET
0.5
Input Voltage
VSET
01.15
V
Offset Voltage
VOS
±
0.5
±
1.5
mV
VOS vs. Temperature
dVOS/dT
±
1.6
±
5µV/°C
Input Bias Current
IB
820
nA
IB vs. Temperature
dIB/dT
718
pA/°C
* In 2–wire operation a maximum current of IOUTmin – ICC is valid
Currents flowing into the IC are negative



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com