Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV414 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # CAV414
Description  Converter IC for Capacitive Signals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

CAV414 Datasheet(HTML) 2 Page - Analog Microelectronics

  CAV414 Datasheet HTML 1Page - Analog Microelectronics CAV414 Datasheet HTML 2Page - Analog Microelectronics CAV414 Datasheet HTML 3Page - Analog Microelectronics CAV414 Datasheet HTML 4Page - Analog Microelectronics CAV414 Datasheet HTML 5Page - Analog Microelectronics CAV414 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Converter IC for Capacitive Signals
CAV414
analog microelectronics
January 2001
2/6
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 24V, IREF = 1mA (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply
Supply Voltage
VCC
635
V
Quiescent Current
ICC
Tamb = –40 ... 85°C, IREF = 0mA
1.55
2.7
mA
Temperature Specifications
Operating
Tamb
–40
85
°C
Storage
Tst
–55
125
°C
Junction
Tj
150
°C
Thermal Resistance
Θ
ja
DIL16 plastic package
70
°C/W
Θ
ja
SO16 (n) plastic package
140
°C/W
Reference Oscillator
Oscillator Capacitor Range
COSC
COSC = 1.6 ⋅ CX1
14
1800
pF
Oscillator Frequency Range
fOSC
1
130
kHz
Oscillator Current
IOSC
ROSC = 200kΩ
9.5
10
10.75
µA
Capacitive Integrator 1 and 2
Capacitor Range 1
CX1
10
1000
pF
Capacitive Integrator Current 1
IX1
RCX1 = 400kΩ
4.75
5
5.38
µA
Capacitor Detection Sensitivity
∆ C
X
∆ C
X = (CX2 − CX1 )/CX1
5
100
%
Capacitor Range 2
CX2
CX2 = CX1 ⋅ (1 + ∆ CX )
10.5
2000
pF
Capacitive Integrator Current 2
IX2
RCX2 = 400kΩ
4.75
5
5.38
µA
Detection Frequency
fDET
CL1 = CL2 =1nF
2
kHz
Lowpass
Adjustable Gain
GLP
110
Output Voltage
VLPOUT
VM –0.4
VM +0.4
V
Corner Frequency 1
fC1
R01 = 20kΩ, CL1 =1nF
10
kHz
Corner Frequency 2
fC2
R02 = 20kΩ, CL2 =1nF
10
kHz
Resistive Load at PIN LPOUT
RLOAD
200
k
Ω
Capacitive Load at PIN LPOUT
CLOAD
50
pF
Temperature Coefficient VDIFF (together
with Input Stages)
dVDIFF /dTVDIFF = VLPOUT - VM ,
Tamb = –40 ... 85°C
±100
ppm/°C
Internal Resistor 1 and 2
R01, R02
20
k
Ω
Temperature Coefficient R01,02
dR01,02 /dTTamb = –40 ... 85°C
1.9
10
-3/°C
Power Supply Rejection Ratio
(together with Input Stages)
PSRR
IOUT ≤ 1mA
80
90
dB
Voltage Reference VREF
Voltage
VREF
4.75
5
5.25
V
Current
IREF
09
mA
VREF vs. Temperature
dVREF /dTTamb = –40...+85°C
±
90
±
140
ppm/°C
Line Regulation
dVREF /dVVcc = 6V...35V
30
80
ppm/V
dVREF / dV
Vcc = 6V...35V, IREF ≈ 4mA
60
150
ppm/V
Load Regulation
dVREF /dI
0.05
0.10
%/mA
dVREF /dI
IREF ≈ 4mA
0.06
0.15
%/mA
Load Capacitance
CREF
1.9
2.2
5.0
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com