Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV414 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # CAV414
Description  Converter IC for Capacitive Signals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

CAV414 Datasheet(HTML) 1 Page - Analog Microelectronics

  CAV414 Datasheet HTML 1Page - Analog Microelectronics CAV414 Datasheet HTML 2Page - Analog Microelectronics CAV414 Datasheet HTML 3Page - Analog Microelectronics CAV414 Datasheet HTML 4Page - Analog Microelectronics CAV414 Datasheet HTML 5Page - Analog Microelectronics CAV414 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Converter IC for Capacitive Signals
CAV414
analog microelectronics
January 2001
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/6
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.1
Internet: http://www.analogmicro.de
E–Mail:
info@analogmicro.de
FEATURES
• Wide Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• High Detection Sensitivity of Relative
Capacitive Changes: 5% – 100%
• Detection Frequency up to 2kHz
• Adjustable Voltage Range:
0...5/10V, other
• Reference Voltage Source: 5V
• Protection against Reverse Polarity
• Output Current Limitation
• Adjustable with only two Resistors
APPLICATIONS
• Industrial Process Control
• Distance Measurement
• Pressure Measurement
• Humidity Measurement
• Level Control
GENERAL DESCRIPTION
The CAV414 is an universal multipurpose in-
terface for capacitive sensors and contains the
complete signal processing unit on chip. The
CAV414 detects the relative capacitive change
of a measuring capacity to a fixed reference
capacity. The IC is optimised for capacities in
the wide range of 10pF to 2nF with possible
changes of capacity of 5% to 100% of the ref-
erence capacity.
The voltage output is formed by a high accu-
racy instrumentation amplifier in combination
with an operational amplifier.
With only a few external components, the
CAV414 is suitable for a great variety of ap-
plications including a zero compensation.
DELIVERY
• DIL16 packages (samples)
• SO16(n) packages
• Dice on 5“ blue foil
BLOCK DIAGRAM
CAV414
Integrator 1
Integrator 2
Voltage/Current
Reference
IA
12
16
14
15
13
4
5
6
3
1
11
7
9
10
VCC
GAIN
2
OP
8
VOUT
GND
VREF
RCOSC
RCX2
RCX1
VM
LPOUT
RL
CL2
CL1
CX2
CX1
COSC
Reference
Oscillator
Signal Conditioning
Figure 1


Similar Part No. - CAV414

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV4109 ONSEMI-CAV4109 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
CAV4109V-GT2 ONSEMI-CAV4109V-GT2 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results

Similar Description - CAV414

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
SYNC Processor, Frequency Counter IC for TV Component Signals
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
Converter IC for Capacitive Signals
logo
New Japan Radio
NJM2650 NJRC-NJM2650 Datasheet
62Kb / 6P
Dual Hall Amplifier IC for Converting Signals
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
Programmable Capacitive Tuning IC
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
Programmable Capacitive Tuning IC
logo
Analog Devices
CAV444 AD-CAV444 Datasheet
263Kb / 12P
C/V transmitter IC with adjustable output voltage for capacitive input signals
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
Capacitive Switch Controller IC
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
CAV444 WOLFSPEED-CAV444 Datasheet
480Kb / 12P
Linear C/V-Converter for capacitive input signals
May 2014 Rev. 3.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com