Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV414 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # CAV414
Description  Converter IC for Capacitive Signals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

CAV414 Datasheet(HTML) 4 Page - Analog Microelectronics

  CAV414 Datasheet HTML 1Page - Analog Microelectronics CAV414 Datasheet HTML 2Page - Analog Microelectronics CAV414 Datasheet HTML 3Page - Analog Microelectronics CAV414 Datasheet HTML 4Page - Analog Microelectronics CAV414 Datasheet HTML 5Page - Analog Microelectronics CAV414 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Converter IC for Capacitive Signals
CAV414
analog microelectronics
January 2001
4/6
BOUNDARY CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Current Definition of Ref. Oscillator
RCOSC
190
200
210
k
Ω
Current Adjustment of Cap. Integrator 1
RCX1
350
400
450
k
Ω
Current Adjustment of Cap. Integrator 2
RCX2
350
400
450
k
Ω
Lowpass Stage Resistor Sum
RL1 + RL2
90
200
k
Ω
Output Stage Resistor Sum
R1 + R2
90
200
k
Ω
Reference Voltage 5V
CREF
1.9
2.2
5
µF
Reference Voltage 2V (only for internal use)
CVM
80
100
120
nF
Lowpass Capacitance 1
CL1
100
⋅C
X1
200
⋅C
X1
Lowpass Capacitance 2
CL2
100
⋅C
X1
200
⋅C
X1
Oscillator Capacitance
COSC
COSC =1.55⋅CX1
COSC =1.60⋅CX1
COSC =1.65⋅CX1
Note: The system performance over temperature forces that the resistors RCX1, RCX2 and ROSC have the same temperature
coefficient and a very close placement of them in the circuit. The capacities CX1, CX2 and COSC are also forced to
have the same temperature coefficient and a very close placement of them in the circuit.
FUNCTIONAL DIAGRAM
CAV414
Reference
Oscillator
Integrator 1
Integrator 2
OP
Signal Conditioning
Voltage/Current
Reference
IA
12
16
14
15
13
4
5
6
3
1
7
8
9
10
VCC
OUT
GND
R
1
R
2
2
R
OSC
R
CX2
R
CX1
C
L1
C
L2
C
VM
R
L1
R
L2
C
OSC
C
X1
C
X2
V
LPOUT
V
M
V
DIFF
V
CX1
V
CX2
V
CX,DIFF
R
01
R
02
C
REF
11
Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com